Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM9932/CKC-TR Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM9932/CKC-TR
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9932/CKC-TR Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM9932/CKC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2002
www.anpec.com.tw
2
APM9932/C
APM9932/C
Symbol
Parameter
Test Condition
Min.
Typ. Max.
Unit
Static
N-Ch
20
BV
DSS
Drain-Source Breakdown
Voltage
V
GS=0V , IDS=250µA
P-Ch
-20
V
V
DS=18V , VGS=0V
N-Ch
1
I
DSS
Zero Gate Voltage Drain
Current
V
DS=-18V , VGS=0V
P-Ch
-1
µA
V
DS=VGS , IDS=250µA
N-Ch
0.6
1.3
V
GS(th)
Gate Threshold Voltage
V
DS=VGS , IDS=-250µA
P-Ch
-0.6
-1.3
V
V
GS=±16V , VDS=0V
N-Ch
±100
I
GSS
Gate Leakage Current
V
GS=±12V , VDS=0V
P-Ch
±100
nA
V
GS=10V , IDS=9A
12
18
V
GS=4.5V , IDS=7A
N-Ch
17
27
V
GS=-4.5V , IDS=-6A
30
42
R
DS(ON)
a
Drain-Source On-state
Resistance
V
GS=-2.5V , IDS=-5A
P-Ch
45
60
m
Ω
I
SD=5A , VGS=0V
N-Ch
0.6
1.3
V
SD
a
Diode Forward Voltage
I
SD=-2A , VGS=0V
P-Ch
-0.6
-1.3
V
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
N-Channel
P-Channel
Unit
V
DSS
Drain-Source Voltage
20
-20
V
GSS
Gate-Source Voltage
±16
±12
V
I
D
*
Maximum Drain Current – Continuous
15
-6
I
DM
Maximum Drain Current – Pulsed
30
-10
A
T
A=25°C
2.5
2.5
P
D
Maximum Power Dissipation
T
A=100°C
1.0
1.0
W
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
°C
RθjA
Thermal Resistance – Junction to Ambient
50
°C/W
* Surface Mounted on FR4 Board, t
≤ 10 sec.
Notes
a : Pulse test ; pulse width
≤300µs, duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com