Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MULTIGAS1635-READY Datasheet(PDF) 2 Page - MKS Instruments.

Part # MULTIGAS1635-READY
Description  5 Hz Engine and Vehicle Emissions Measurement and Certification Analyzer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

MULTIGAS1635-READY Datasheet(HTML) 2 Page - MKS Instruments.

  MULTIGAS1635-READY Datasheet HTML 1Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 2Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 3Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The new MultiGas™ 2030 1065-Ready FTIR gas cell with custom heaters
and new improved insulation.
Description
The MKS MultiGas 2030 1065-Ready analyzer includes
a 5 Hz acquisition FTIR spectrometer coupled with a
patented 5.11m high-optical-throughput, low volume
(200 mL) gas sampling cell. The gas cell was redesigned
for increased ruggedness and corrosion resistance. It can
handle up to 100 LPM, providing a true 5 Hz sampling rate
along with the 5 Hz data acquisition rate. The 3/8'' inlet and
outlet plumbing reduces backpressure and noise, enabling
flows from 0.5 LPM up to 100 LPM while providing
sensitivity that is unbeaten in the industry. The new cell
has welded inlet and outlet which are more durable and
resistant to leaks in cases where the gas cell needs to
be cleaned frequently. The cell also includes improved
insulation which ensures that the gas remains at correct
temperature and that the instrument’s internal components
do not overheat.
At a flow rate of 60 LPM the refresh rate of the gas sample
is actually 5 Hz (gas refresh time of 0.2 sec) – providing
speed and sensitivity unmatched by any other analyzer.
Timelines of combustion gases during a 10 sec window, showing multiple
component changes during the emissions test cycle. Note the different
concentration profiles for each component, demonstrating the high time
resolution of the analyzer.
A section of the mid-IR combustion gas spectrum in the NO absorbance region is shown in the graph to the left with the gas sample spectrum in blue
and NO reference spectrum in red. A narrower wavenumber region is displayed in the graph to the right, showing the sample spectrum (thick blue line),
an overall spectral fit (thin blue line), as well as the sample NO absorbance (thick red line) showing an excellent match with the fitted NO spectrum (thin
red line). The large peaks are water peaks which can be separated from NO peaks because of the high 0.5 cm-1 resolution, and are excluded from the
analysis using masking (shaded regions in blue). As a result, only the spectrum regions where high NO signal and low H
2O interference are used to
extract the readings.
The resolution of gas profiles of the MultiGas 2030
1065-Ready has indeed been observed to exceed that of
instruments running at 10 Hz and has been attributed to
differences in flow rates where the 10 Hz analyzers are
suffering from under sampling (low flow rate).
The MultiGas 2030 1065-Ready not only operates at a
high sampling and acquisition rate but does so without
sacrificing resolution. The analyzer maintains its excellent
performance capabilities using high resolution (0.5 cm-1)
spectra for optimum quantification of components that
have high interference with water and CO
2. The figure
below illustrates the interference effect by showing the
severe overlap between NO and H
2O peaks. However,
due to the high resolution of the spectrum, the NO peaks
can be clearly separated from the H
2O peaks, which allow
accurate NO quantification.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com