Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MULTIGAS1635-READY Datasheet(PDF) 1 Page - MKS Instruments.

Part # MULTIGAS1635-READY
Description  5 Hz Engine and Vehicle Emissions Measurement and Certification Analyzer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

MULTIGAS1635-READY Datasheet(HTML) 1 Page - MKS Instruments.

  MULTIGAS1635-READY Datasheet HTML 1Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 2Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 3Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MultiGas™ 2030
1065-Ready
5 Hz ENGiNE aND VEHiCLE EMiSSiONS MEaSurEMENt aND
CErtiFiCatiON aNaLyzEr
The new MultiGas™ 2030 1065-Ready FTIR analyzer combined with the new Engine and
Vehicle Application Package was designed to meet Euro VI/Euro 6 and EPA 40 CFR part
1065/1066 requirements for exhaust emission compliance testing. The MKS FTIR analyzer is
the worldwide choice for R&D development and certification test labs for light duty (LD) and
heavy duty (HD) vehicle and engines as well as catalyst manufacturers. Different fuel source
exhaust emissions are supported not only for raw exhaust measurements but anywhere
along the exhaust train. The gas sample is introduced hot and wet directly into the FTIR with
no need for chillers. The ruggedness of the MultiGas 2030 1065-Ready analyzer makes it
an ideal choice for on-board measurements and is offered with a broadband detector for the
full range of gases (requires liquid N
2 – LN2) as well as a version with a shorter gas list that
does not require LN
2.
Features & Benefits
• DesignedtomeettheEuroVIandEPA40
CFR part 1065/1066 requirements
• 5Hzdataacquisitionandanalysis
providing fast transient monitoring
• Capableoftrue5Hzsamplingrate-
flows from 0.5 LPM up to 100 LPM
• Highresolution(0.5cm-1) FTIR reduces
interferences due to water and CO
2,
providing unbiased, accurate readings
• Newstainlesssteelgascelldesignwith
3/8'' welded inlet/outlet lines, corrosion
resistant Dursan™ coating for lowest
residence time for “sticky” gases and
optimized high temperature resistant
insulation
• Lowvolume(200mL),longpath(5.11m)
gas cell produces fast response time
without compromising detection limits
• Singleanalyzermeasuringover20
component emissions spanning a large
dynamic range – ready for future
emissions components
• EngineandVehicleApplicationPackage
includes drift-free calibrations configured
for diesel, CNG, dual fuels and gasoline/
ethanol blend emissions for 191°C
• 113°Ccalibrationsarenowalsoavailable
for diesel fuel exhausts
• Ruggedanalyzeridealforuseinengine
or vehicle test labs as well as on board
as a portable emissions monitoring
system (LN
2 free analyzer also available)
• Analyzerhealthdiagnosticsincludedto
verify proper instrument performance
• Reducedcostofownershipduetolower
daily maintenance and calibration
requirements
• Optionalhighspeedcomputerwithfactory
configured software
• Connectivitytocurrentcustomersystems
through AK Protocol, OPC, Modbus,
analog or digital I/Os and HTML available


Similar Part No. - MULTIGAS1635-READY

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
MULTIGAS2030 MKS-MULTIGAS2030 Datasheet
242Kb / 4P
On-Line Gas Analysis
MULTIGAS2030CEM MKS-MULTIGAS2030CEM Datasheet
192Kb / 4P
GAS ANALYZER FOR CONTINUOUS EMISSIONS MONITORING
MULTIGAS2030HS MKS-MULTIGAS2030HS Datasheet
270Kb / 4P
5 Hz Combustion Analysis
MULTIGASTFS MKS-MULTIGASTFS Datasheet
127Kb / 2P
MULTI-COMPONENT ONLINE GAS ANALYZER
More results

Similar Description - MULTIGAS1635-READY

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A_07 Datasheet
187Kb / 6P
Measurement and Control Equipment
logo
Freescale Semiconductor...
MK50DX128CYY7 FREESCALE-MK50DX128CYY7 Datasheet
377Kb / 2P
Integrated measurement engine, Ethernet and LCD
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
Measurement and Control
WT41-E ETC2-WT41-E Datasheet
1Mb / 44P
Modular certification for FCC, IC and KCC
logo
Keysight Technologies
W2361EP KEYSIGHT-W2361EP Datasheet
604Kb / 2P
Ptolemy and VTB Engine
logo
PMC-Sierra, Inc
PM7364-1 PMC-PM7364-1 Datasheet
41Kb / 2P
Frame Engine and Datalink Manager
logo
MKS Instruments.
MULTIGAS2030CEM MKS-MULTIGAS2030CEM Datasheet
192Kb / 4P
GAS ANALYZER FOR CONTINUOUS EMISSIONS MONITORING
PRECISIVE5-155 MKS-PRECISIVE5-155 Datasheet
423Kb / 2P
Olefin and HRVOC Analyzer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com