Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MULTIGAS1635-READY Datasheet(PDF) 3 Page - MKS Instruments.

Part # MULTIGAS1635-READY
Description  5 Hz Engine and Vehicle Emissions Measurement and Certification Analyzer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

MULTIGAS1635-READY Datasheet(HTML) 3 Page - MKS Instruments.

  MULTIGAS1635-READY Datasheet HTML 1Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 2Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 3Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
analyzer
Measurement Technique
FTIR Spectrometry
Gases and Vapors Measurable
Most molecules except for N
2, H2, and O2
Analytical Ranges
Dependent upon gas, from ppm to %. Refer to Engine and Vehicle Application Package.
1065-Ready Calibrations
Instrument independent calibrations fulfill the 1065 requirements for a large number of gases
Factory Calibration
≤2% of Reference Value
Accuracy
≤2% of Reference Value
Repeatability
≤1% of Reference Value
Noise
≤1% of Analytical Range
Drift
≤2% of Analytical Range
Measurement Acquisition Rate
5 scans/sec (5 Hz)
Measurement Time
0.2 sec or longer
Flow Rate
0.5 LPM up to 100 LPM
Sampling Acquisition Rate
Dependent upon flow rate, 5 Hz @ 100 LPM
Laser Safety
Class 1 laser product contains a Class 3R laser with continuous wave output at 633 nm
Ftir
FTIR Spectrometer
2102 Process FTIR, with spectral resolution 0.5 cm
-1
Infrared Source
Silicon Carbide
Reference Laser
Helium Neon
Detector
LN
2–cooled MCT, 500-5000 cm
-1 (TE–cooled MCT versions available for PEMS)
Purge Pressure
20 psig (1.5 bar) max.
Spectrometer and Optics Purge Flow
0.2 LPM of dry nitrogen or CO
2 free clean dry air with dewpoints below -70°C
Pressure Transducer
MKS Baratron® (0-1000 Torr)
Purge Connection
Swagelok® quick connect
Sample Gas Inlet/Outlet Connection
Swagelok 3/8'' threaded
Computer (Optional)
High speed Xeon® processor
Communications
RJ-45 cross-over Ethernet
Output Options
AK, Modbus, OPC, XML, analog (please inquire)
Dimensions
17.5''W x 12.5''H x 25.5''D
Installation
19'' rack mount chassis
Power
120 or 240 VAC, 50/60 Hz, 3 amps
Weight
110 lbs. (50 kg)
Using the Engine and Vehicle Application Package, over
twenty gases can be quantified simultaneously at 5 Hz
with detection limits of 1 ppm or less for most components.
The Application Package features multi-point calibration
curves that provide large dynamic measurement ranges
from low ppm to % level. This ready-to-use method offers
the ability to perform analysis when CO
2 and H2O levels
up to 20% with no user input required. The Application
Package includes 1065-compliant calibrations for many
species such as N
2O, NH3, CH4 and others, and is
applicable for many different fuels. The Engine and Vehicle
Application Package is for gas samples running at 1 atm
pressure and 191°C and new 113°C calibrations are also
available for use in worldwide markets.
The calibrations included in the Engine and Vehicle
Application Package are applicable to all MultiGas 2030
1065-Ready analyzers because each instrument is tuned
to extremely tight specifications, which allows a calibration
generated on one instrument to be used on any other
instrument without modification. A one-time or a regular
span can however also be used for the highest accuracy
requirements.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com