Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MULTIGAS1635-READY Datasheet(PDF) 4 Page - MKS Instruments.

Part # MULTIGAS1635-READY
Description  5 Hz Engine and Vehicle Emissions Measurement and Certification Analyzer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

MULTIGAS1635-READY Datasheet(HTML) 4 Page - MKS Instruments.

  MULTIGAS1635-READY Datasheet HTML 1Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 2Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 3Page - MKS Instruments. MULTIGAS1635-READY Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and
Ordering Information
MG2030 1065-Ready - 10/17
© 2014-2017 MKS Instruments, Inc.
All rights reserved.
MultiGas™ products may not be exported to many end user countries without both US and local government export licenses
under ECCN 2B351. Some Baratron® products may not be exported to many end user countries without both US and local
government export licenses under ECCN 2B230.
Specifications are subject to change without notice. mksinst™ and MultiGas™ are trademarks and Baratron® is a registered
trademark of MKS Instruments, Inc., Andover, MA. Swagelok® is a registered trademark of Swagelok Marketing, Co.,
Solon, OH. Kalrez® is a registered trademark of E.I. Dupont Co., Wilmington, DE. Xeon® is a registered trademark of Intel
Corporation, Santa Clara, CA. Dursan™ is a trademark of SilcoTek Corporation, Bellefonte, PA.
Please contact your local MKS office for price and availability information.
Name
Formula
Minimum Detectable Limit
at 5 Hz
(in 10% H
2O and CO2)
Ammonia
NH
3
0.5 ppm
Nitrous Oxide
N
2O
0.75 ppm
Nitrogen Dioxide
NO
2
0.5 ppm
Nitric Oxide
NO
1.0 ppm
Carbon Dioxide
CO
2
1.0 ppm
Carbon Monoxide
CO
1.0 ppm
Formaldehyde
H
2CO
1.5 ppm
Methane
CH
4
1.0 ppm
Sulfur Dioxide
SO
2
4.0 ppm
Ordering Information
Sampling Parameters
Sample Temperature
191°C (113°C available as well)
Sample Flow
0.5 - 100 L/min
Sample Pressure
0.0 – 1.3 atm (calibration pressure dependent)
0.95 - 1.05 atm (recommended)
Gas Cell
Pathlength and Volume
5.11m, 200 cc
Construction
316 stainless steel, Dursan coating
Fittings
3/8'' threaded Swagelok
Tubing
Heated 3/8'' stainless steel inserted into compression fitting welded to gas cell
Mirrors
Nickel plated aluminum substrate, with rugged gold coating with MgF
2 coating
Windows
ZnSe (other window material available)
O-rings
Kalrez® (others available)
Detection Limits
Low-level detection limits for the MultiGas 2030 1065-Ready FTIR analyzer combined with the new Engine and Vehicle Application
Package for typical gases in a matrix of 10% H
2O and CO2 are as follows:
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in USA)
Web: www.mksinst.com
MKS Instruments, Inc.
Process & Environmental Analysis Solutions
651 Lowell Street
Methuen, MA 01844
Tel:
978.645.5500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com