Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2287PVC-1 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2287PVC-1
Description  100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2287PVC-1 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2287PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 10Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 11Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 12Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY2287
9
Switching Waveforms (continued)
CPU 100 MHz
SDRAM 100 MHz
3V66 66 MHz
0 ns
10 ns
20 ns
30 ns
40 ns
SDRAM to 3V66 Skew, SDRAM leads 3V66 by 0.0 ns (500-ps window)
t5
CLK-CLK Output Skew (CPU @ 100 MHz)
CPU 100 MHz
SDRAM 100 MHz
3V66 66 MHz
0 ns
10 ns
20 ns
30 ns
40 ns
CPU to 3V66 Skew, CPU leads 3V66 by 0.0 ns (500-ps window)
CLK-CLK Output Skew (CPU @ 100 MHz)
t6_100
CPU 100 MHz
SDRAM 100 MHz
0 ns
10 ns
20 ns
30 ns
40 ns
CPU to SRAM Skew, CPU leads SDRAM by 5.0 ns (500-ps window)
3V66 66 MHz
t7_100
CLK-CLK Output Skew (CPU @ 100 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com