Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2287PVC-1 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2287PVC-1
Description  100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2287PVC-1 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2287PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 10Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 11Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 12Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY2287
10
Switching Waveforms (continued)
Group A
Group B
1.5V
1.5V
Window Measurement Clarification
Example of SDRAM to 3V66 Skew Measurement (CPU @ 66 or 100 MHz)
SDRAM leads 3V66 by 0.0 ns (500-ps window)
500-ps window
Latest of Group B
Earliest of Group A
CPU Group
3V66 Group
1.5V
1.25V
Window Measurement Clarification
Example of CPU to 3V66 Skew Measurement (CPU @ 66 MHz)
CPU leads 3V66 by 7.5 ns (500-ps window)
8.0-ns window (max)
Latest of 3V66 Group
Earliest of CPU Group
Latest of CPU Group
Earliest of 3V66 Group
7.0-ns window (min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com