Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2287PVC-1 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2287PVC-1
Description  100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2287PVC-1 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2287PVC-1 Datasheet HTML 5Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 6Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 7Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 8Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 9Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 10Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 11Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 12Page - Cypress Semiconductor CY2287PVC-1 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CY2287
11
Switching Waveforms (continued)
Frequency (MHz)
Spread Spectrum Enabled
Spread Spectrum Disabled
SPREAD SPECTRUM CLOCKING
Description
Max.
Unit
Output
Min.
Down Spread Margin at the Fundamental Frequency
CPU, PCI, SDRAM, APIC, 3V66
–0.6
%
Modulation Frequency
30.0
33.0
kHz
CPU, PCI, SDRAM, APIC, 3V66
–0.25
Selectable Downspread Margins
–0.25%
–0.4%
–0.6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com