Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD8621 Datasheet(PDF) 3 Page - SHOUDING Shouding Semiconductor

Part # SD8621
Description  00K H z 6A DC/DC Boost chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8621 Datasheet(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SD8621 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
XXXX
SD8621
SD8621
                                                          3 / 6
 
订货信息
料号
封装
表面印字
包装
ESOP8
2500
/卷
绝对最大额定值
VDD
供电电压
-0.3V to 7.5V
SW
开关管脚电压
-0.3V to 8.5V
TA
工作温度
-40°C to 85°C
TJ
结温
-40°C to 125°C
TSTG
储存温度
-65°C to 150°C
TSLD
焊接温度
300°C, 5sec
推荐额定值
MIN
MAX
UNIT
VDD
供电电压
VDD
3
7
V
Vout
Output输出电压
3
8.2
V
VIH
EN高电平
VDD=5.0V
1.6
V
VIL
EN低电平
VDD=5.0V
0.8
V
热阻参数
Parameter
Symbol
Package
MAX
UNIT
热阻(Junction to Ambient)
θJA
ESOP8
90
°C/W
热阻(Junction to Case)
θJc
ESOP8
11
°C/W
PCS
6A DC/DC
5 00K H z
升压芯片
SD862 1
Sh ou ding
www.shouding.net
Reu 1.1 May. 14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com