Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD8621 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD8621
Description  00K H z 6A DC/DC Boost chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8621 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD8621 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.shouding.net
Reu 1.1 May. 14
DC/DC
6A DC/DC
5 00K H z
SD8621
3.2V to 6.5V
92%
SD8621
SD8621
SD8621
SD8621
SD8621
升压芯片
SD862 1
Sh ou ding
                                                          1 / 6
 
描述
是一款高效率、大电流的固定频率
PWM电流 型
升压芯片。
的内置功率
MOS管,提供最大6A的输入电流,
满足大电流负载需要。
的外置软启动管脚,
可以方便的调节芯片的软启动时间,减小系统启动时
候的冲击电流。外置的补偿管脚可以优化芯片的环路
响应,减小大负载波动时芯片的输出纹波。
完善的开路保护功能,短路保护功能,保护
芯片异常情况下不会损坏,提高系统的可靠性。
提供增强散热的
ESOP8封装
特性
高达
的效率
宽工作电压:
输入峰值电流:
6A
500KHz固定工作频率
软启动功能
开路保护和短路保护功能
关机电流小于
1uA
UVLO
应用
插卡音箱
/ USB音箱
蓝牙音响
移动电源
 
典型应用电路图
SW
7
FB
PGND
2
5
COMP
1
VIN
8
EN
3
AGND
6
SS
4
Input
Output
ON
OFF
6.8uH
SS34
22uF
R1
3V‐7V
R2
4.7K
0.1uF
NC
4.7nF
10uF
 


Similar Part No. - SD8621

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SD862-04 FUJI-SD862-04 Datasheet
97Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - SD8621

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC17550 MOTOROLA-MPC17550 Datasheet
389Kb / 15P
Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
Artesyn Technologies
SIL06 ARTESYN-SIL06 Datasheet
177Kb / 3P
6A Non-isolated DC/DC Converters
logo
Freescale Semiconductor...
17550 FREESCALE-17550 Datasheet
389Kb / 15P
Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
Linear Technology
LT3579 LINER-LT3579 Datasheet
519Kb / 40P
6A Boost/Inverting DC/DC Converter with Fault Protection
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Linear Technology
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
6A Boost/Inverting DC/DC Converter with Fault Protection
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com