Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD8621 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD8621
Description  00K H z 6A DC/DC Boost chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8621 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD8621 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8621 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
                                                          2 / 6
 
管脚排列
1
3
4
2
8
6
5
7
EN
SS
PGND
VIN
COMP
AGND
FB
SW
 
 
管脚描述
管脚
符号
I/O
描述
1
PGND
功率地线
2
Vin
I
电源输入
3
EN
I
使能管脚(高电平芯片工作,低电平关机)
4
COMP
外置补偿管脚
5
AGND
模拟地线
6
FB
I
反馈电压输入
7
SS
I
软启动管脚
8
SW
O
开关信号
9
GND
芯片底部散热片
6A DC/DC
5 00K H z
升压芯片
SD862 1
Sh ou ding
www.shouding.net
Reu 1.1 May. 14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com