| Electronic Components Datasheet Search |
|
TPS65982ABZQZR Datasheet(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS65982ABZQZR Datasheet(HTML) 53 Page - Texas Instruments |
|
53 / 121 page ![]() USB_RP_P/N AUX_N AUX_P DEBUG3/4 DEBUG1/2 USB_EP_P/N USB_EP_P/N USB_RP_P/N C_SBU2 C_SBU1 C_USB_BN C_USB_BP C_USB_TN C_USB_TP USB_RP_P USB_RP_N DEBUG2 DEBUG1 DEBUG4 DEBUG3 USB_RP DEBUG3/4 DEBUG1/2 AUX_P/N LSX_P2R LSX_R2P UART_TX UART_RX Digital Core GPIO Digital Cross-Bar Mux UART0 UART1 UART0 CORE_ UART0 UART1 GPIO0 GPIO1 SWD DEBUG3/4 DEBUG1/2 DEBUG3/4 DEBUG1/2 AUX_P/N SWD_DATA SWD_CLK SWD_CLK/DATA SWD_CLK/DATA SWD_CLK/DATA SBU_INT1 SBU_INT2 SBU_INT1 SBU_INT2 To ADC Charger ID 1st Stage 2nd Stage UART1 CORE_ UART2 CORE_ 53 TPS65982 www.ti.com SLVSD02D – MARCH 2015 – REVISED JUNE 2019 Product Folder Links: TPS65982 Submit Documentation Feedback Copyright © 2015–2019, Texas Instruments Incorporated Figure 44. Port Data Multiplexers Table 3 shows the typical signal types through the switch path. The UART_RX/TX and LSX_P2R/R2P paths are digitally buffered to allow tri-state control for these paths. All other switches are analog pass switches. The LSX_P2R/R2P pair is also configurable to be analog pass switches as well. These switch paths are not limited to the specified signal type. For the signals that interface with the digital core, the maximum data rate is dictated by the clock rate at which the core is running. Table 3. Typical Signals through Analog Switch Path INPUT PATH SIGNAL TYPE SIGNAL FUNCTION SWD_DATA/CLK Single Ended Data, Clock UART_RX/TX Single Ended TX/Rx UART LSX_P2R/R2P Single Ended TX/Rx UART DEBUG1/2/3/4 Single Ended Debug AUX_P/N Differential DisplayPort and Thunderbolt AUX channel USB_EP_P/N Differential USB 2.0 Low Speed Endpoint USB_RP_P/N Differential USB 2.0 High Speed Data Root Port |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |