Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65982ABZQZR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS65982ABZQZR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZQZR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65982ABZQZR Datasheet HTML 9Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 10Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 11Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 12Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 13Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 14Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 15Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 16Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
13
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
7.6 Power Supervisor Characteristics
Recommended operating conditions; TA = –10 to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UV_LDO3V3
Undervoltage threshold for LDO_3V3. Locks out 1.8-V
LDOs
LDO_3V3 rising
2.2
2.325
2.45
V
UVH_LDO3V3
Undervoltage hysteresis for LDO_3V3
LDO_3V3 falling
20
80
150
mV
UV_VBUS_LDO
Undervoltage threshold for VBUS to enable LDO
VBUS rising
3.35
3.75
3.95
V
UVH_VBUS_LDO
Undervoltage hysteresis for VBUS to enable LDO
VBUS falling
20
80
150
mV
UV_PCBL
Undervoltage threshold for PP_CABLE
PP_CABLE rising
2.5
2.625
2.75
V
UVH_PCBL
Undervoltage hysteresis for PP_PCABLE
PP_CABLE falling
20
50
80
mV
UV_5V0
Undervoltage threshold for PP_5V0
PP_5V0 rising
3.5
3.725
3.95
V
UVH_5V0
Undervoltage hysteresis for PP_P5V0
PP_5V0 falling
20
80
150
mV
OV_VBUS
Overvoltage threshold for VBUS. This value is a 6-bit
programmable threshold
VBUS rising
5
24
V
OVLSB_VBUS
Overvoltage threshold step for VBUS. This value is the
LSB of the programmable threshold
VBUS rising
328
mV
OVH_VBUS
Overvoltage hysteresis for VBUS
VBUS falling, % of OV_VBUS
0.9%
1.3%
1.7%
UV_VBUS
Undervoltage threshold for VBUS. This value is a 6-bit
programmable threshold
VBUS falling
2.5
18.21
V
UVLSB_VBUS
Undervoltage threshold step for VBUS. This value is the
LSB of the programmable threshold
VBUS falling
249
mV
UVH_VBUS
Undervoltage hysteresis for VBUS
VBUS rising, % of UV_VBUS
0.9%
1.3%
1.7%
UVR_OUT3V3
Configurable undervoltage threshold for VOUT_3V3 rising.
Deasserts RESETZ
Setting 0
2.019
2.125
2.231
V
Setting 1
2.138
2.25
2.363
Setting 2
2.256
2.375
2.494
Setting 3
2.375
2.5
2.625
Setting 4
2.494
2.625
2.756
Setting 5
2.613
2.75
2.888
Setting 6
2.731
2.875
3.019
Setting 7
2.85
3
3.15
UVRH_OUT3V3
Undervoltage hysteresis for VOUT_3V3 falling
OUT_3V3 falling
30
50
mV
TUVRASSERT
Delay from falling VOUT_3V3 or MRESET assertion to
RESETZ asserting low
75
μs
TUVRDELAY
Configurable delay from VOUT_3V3 to RESETZ
deassertion
0
161.3
ms
(1)
Application code can result in other power consumption measurements by adjusting enabled circuitry and clock rates. Application code
also provisions the wake=up mechanisms (for example, I2C activity and GPIO activity).
(2)
Sleep is defined as Type-C cable detect activated as DFP or UFP, internal power management and supervisory functions active.
(3)
Idle is defined as Type-C cable detect activated as DFP or UFP, internal power management and supervisory functions active, and a
selectable clock to the digital core of 3 MHz or 4 MHz.
(4)
Active is defined as Type-C cable detect activated as DFP or UFP, internal power management and supervisory functions active, all
core functionality active, and the digital core is clocked at 12 MHz.
7.7 Power Consumption Characteristics
(1)
Recommended operating conditions; TA = 25°C (Room temperature) unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVIN_3V3
Sleep(2)
VIN_3V3 = VDDIO = 3.45 V, VBUS = 0,
PPCABLE = 0; 100-kHz oscillator running
58
µA
Idle (3)
VIN_3V3 = VDDIO = 3.45 V, VBUS=0, PPCABLE
= 0; 100-kHz oscillator running,
48-MHz oscillator running
1.66
mA
Active(4)
VIN_3V3 = VDDIO = 3.45 V, VBUS = 0,
PPCABLE = 0; 100-kHz Oscillator running,
48-MHz oscillator running
5.64
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com