Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65982ABZQZR Datasheet(PDF) 95 Page - Texas Instruments

Part # TPS65982ABZQZR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZQZR Datasheet(HTML) 95 Page - Texas Instruments

Back Button TPS65982ABZQZR Datasheet HTML 91Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 92Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 93Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 94Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 95Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 96Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 97Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 98Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 121 page
background image
95
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Layout Guidelines (continued)
Figure 89. Top View Alternate TPS65982 Footprint (Oval Pads)
Figure 90. Oval Pad Sizing
Figure 91. Recommended Minimum Via Sizing
12.1.3 Top TPS65982 Placement and Bottom Component Placement and Layout
When the TPS65982 is placed on top and its components on bottom the solution size will be at its smallest. For
systems that do not use the optional external FET path the solution size will average less than 64 mm2 (8 mm ×
8 mm). Systems that implement the optional external FET path will average a solution size of less than 100 mm2
(10 mm × 10 mm). These averages will vary with component selection (NFETs, Passives, etc.). Selection of the
oval pad TPS65982 footprint or standard TPS65982 footprint will allow for similar results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com