Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS65982ABZQZR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65982ABZQZR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZQZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65982ABZQZR Datasheet HTML 2Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 3Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 4Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 5Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 6Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 7Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 8Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 9Page - Texas Instruments TPS65982ABZQZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
6
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
CATEGORY
POR
STATE
DESCRIPTION
NO.
NAME
A1
GND
Ground
Ground and no
connect pins
—
Ground. Connect all balls to ground plane.
A10
SENSEN
Analog input
External HV-FET
control and
sense pins and
soft start
Analog input
Positive sense for external high-voltage power-path current-sense
resistance. Short pin to VBUS when unused.
A11
PP_5V0
Power
High-current
power pins
—
5-V supply for VBUS. Bypass with capacitance CPP_5V0 to GND. Tie pin
to GND when unused.
A2
LDO_1V8D
Power
Low-current
power pins
—
Output of the 1.8-V LDO for core digital circuits. Bypass with capacitance
CLDO_1V8D to GND.
A3
SPI_CLK
Digital
output
Digital core I/O
and control pins
Digital input
SPI serial clock. Ground pin when unused
A4
SPI_MISO
Digital input
Digital core I/O
and control pins
Digital input
SPI serial master input from slave. This pin is used during boot sequence
to determine if the flash memory is valid. Refer to the Boot Code section for
more details. Ground pin when unused.
A5
I2C_SDA2
Digital I/O
Digital core I/O
and control pins
Digital input
I2C port 2 serial data. Open-drain output. Tie pin to LDO_3V3 or VDDIO
(depending on configuration) through a 10-kΩ resistance when used or
unused.
A6
PP_HV
Power
High-current
power pins
—
HV supply for VBUS. Bypass with capacitance CPP_HV to GND. Tie pin to
GND when unused.
A7
A8
A9
HV_GATE2
Analog
output
External HV-FET
control and
sense pins and
soft start
Short to
VBUS
External NFET gate control for high-voltage power path. Float pin when
unused.
B1
VDDIO
Power
Low-current
power pins
—
VDD for I/O. Some I/Os are reconfigurable to be powered from VDDIO
instead of LDO_3V3. When VDDIO is not used, tie pin to LDO_3V3. When
not tied to LDO_3V3 and used as a supply input, bypass with capacitance
CVDDIO to GND.
B10
SENSEP
Analog input
External HV-FET
control and
sense pins and
soft start
Analog input
Positive sense for external high-voltage power-path current-sense
resistance. Short pin to VBUS when unused.
B11
PP_5V0
Power
High-current
power pins
—
5-V supply for VBUS. Bypass with capacitance CPP_5V0 to GND. Tie pin
to GND when unused.
B2
GPIO0
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 0. Float pin if it is configured as a push-pull
output in the application. Ground pin with a 1-MΩ resistor when unused in
the application.
B3
SPI_SSZ
Digital
output
Digital core I/O
and control pins
Digital input
SPI slave select. Ground pin when unused.
B4
SPI_MOSI
Digital
output
Digital core I/O
and control pins
Digital input
SPI serial master output to slave. Ground pin when unused.
B5
I2C_SCL2
Digital I/O
Digital core I/O
and control pins
Digital input
I2C port 2 serial clock. Open-drain output. Tie pin to LDO_3V3 or VDDIO
(depending on configuration) through a 10-kΩ resistance when used or
unused.
B6
I2C_IRQ2Z
Digital
output
Digital core I/O
and control pins
Hi-Z
I2C port 2 interrupt. Active-low. Implement externally as an open-drain with
a pullup resistance. Float pin when unused.
B7
PP_HV
Power
High-current
power pins
—
HV supply for VBUS. Bypass with capacitance CPP_HV to GND. Tie pin to
GND when unused.
B8
GND
Ground
Ground and no
connect pins
—
Ground. Connect all balls to ground plane.
B9
HV_GATE1
Analog
output
External HV-FET
control and
sense pins and
soft start
Short to
SENSEP
External NFET gate control for high-voltage power path. Float pin when
unused.
C1
I2C_IRQ1Z
Digital
output
Digital core I/O
and control pins
Hi-Z
I2C port 1 interrupt. Active-low. Implement externally as an open-drain with
a pullup resistance. Float pin when unused.
C10
GPIO4
(HPD TXRX)
Digital I/O
Digital core I/O
and control pins
Hi-Z
General purpose digital I/O 4. Configured as hot-plug detect (HPD) TX,
HPD RX, or both when DisplayPort mode is supported. Ground pin with a
1-MΩ resistor when unused in the application.
C11
PP_5V0
Power
High-current
power pins
—
5-V supply for VBUS. Bypass with capacitance CPP_5V0 to GND. Tie pin
to GND when unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com