Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HY27LF161G2M-VIP Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # HY27LF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27LF161G2M-VIP Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button HY27LF161G2M-VIP Datasheet HTML 13Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 14Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 15Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 16Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 17Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 18Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 19Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 20Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Rev 0.7 / Apr. 2005
17
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Parameter
Symbol
Min
Typ
Max
Unit
Valid Block Number
NVB
1004
1024
Blocks
Table 7: Valid Blocks Number
Symbol
Parameter
Value
Unit
1.8V
3.3V
TA
Ambient Operating Temperature (Commercial Temperature Range)
0 to 70
0 to 70
℃
Ambient Operating Temperature (Extended Temperature Range)
-25 to 85
-25 to 85
℃
Ambient Operating Temperature (Industrial Temperature Range)
-40 to 85
-40 to 85
℃
TBIAS
Temperature Under Bias
-50 to 125
-50 to 125
℃
TSTG
Storage Temperature
-65 to 150
-65 to 150
℃
VIO(2)
Input or Output Voltage
-0.6 to 2.7
-0.6 to 4.6
V
Vcc
Supply Voltage
-0.6 to 2.7
-0.6 to 4.6
V
Table 8: Absolute maximum ratings
NOTE:
1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute
Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and operation of
the device at these or any other conditions above those indicated in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
2. Minimum Voltage may undershoot to -2V during transition and for less than 20ns during transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com