Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HY27LF161G2M-VIP Datasheet(PDF) 42 Page - Hynix Semiconductor

Part # HY27LF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27LF161G2M-VIP Datasheet(HTML) 42 Page - Hynix Semiconductor

Back Button HY27LF161G2M-VIP Datasheet HTML 38Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 39Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 40Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 41Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 42Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 43Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 44Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 45Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 46Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Rev 0.7 / Apr. 2005
42
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Table 19: 48-TSOP1, 12 x 20mm, Package Mechanical Data
Symbol
millimeters
Min
Typ
Max
A
1.200
A1
0.050
0.150
A2
0.980
1.030
B
0.170
0.250
C
0.100
0.200
CP
0.050
D
11.910
12.000
12.120
E
19.900
20.000
20.100
E1
18.300
18.400
18.500
e
0.500
L
0.500
0.680
alpha
0
5
Figure 31. 48-pin TSOP1, 12 x 20mm, Package Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com