Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HY27LF161G2M-VIP Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HY27LF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27LF161G2M-VIP Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HY27LF161G2M-VIP Datasheet HTML 16Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 17Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 18Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 19Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 20Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 21Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 22Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 23Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
Rev 0.7 / Apr. 2005
20
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Item
Symbol
Test Condition
Min
Max
Unit
Input / Output Capacitance (1)
CI/O
VIL=0V
-
10
pF
Input Capacitance(1)
CIN
VIN=0V
-
10
pF
Table 11: Pin Capacitance (TA=25C, F=1.0MHz)
Note: 1. For the stacked devices version the Input Capacitance is <TBD> and the I/O capacitance is <TBD>
Parameter
Symbol
Min
Typ
Max
Unit
Program Time
tPROG
-
300
700
us
Dummy Busy Time for Cache Program
tCBSY
-3
700
us
Number of partial Program Cycles in the same page
Main Array
NOP
-
-
4
Cycles
Spare Array
NOP
-
-
4
Cycles
Block Erase Time
tBERS
-2
3
ms
Table 12: Program / Erase Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com