Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HY27LF161G2M-VIP Datasheet(PDF) 45 Page - Hynix Semiconductor

Part # HY27LF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27LF161G2M-VIP Datasheet(HTML) 45 Page - Hynix Semiconductor

Back Button HY27LF161G2M-VIP Datasheet HTML 40Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 41Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 42Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 43Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 44Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 45Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 46Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 47Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 48Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
Rev 0.7 / Apr. 2005
45
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
MARKING INFORMATION
Packag
Markin g Exam ple
TSO P 1
/
WSO P
K
O
R
H
Y
2
7
x
F
x
x
1
G
2
M
x
x
x
x
Y
W
W
x
x
- hynix
- K O R
- H Y 27 xFxx1G 2 M xxxx
H Y : HYNIX
27: NAN D Flash
x: Pow er Supply
F: Classification
xx: Bit O rganization
1G : Density
2: Mode
M : Version
x: Package Type
x: Package M aterial
x: O perating Tem perature
x: Bad Block
- Y : Year (ex: 5= year 2005, 06= year 2006)
- ww: Work Week (ex: 12= w ork w eek 12)
- xx: Process Code
Note
- C apital Letter
- S m all Letter
: H ynix Sym bol
: O rigin Country
: U(2.7V~ 3.6V), L(2.7V), S(1.8V)
: Single Level Cell+ Single D ie+ Large Block
: 08(x8), 16(x16)
: 1G bit
: 1nCE & 1R /nB ; Sequential Row Read D isable
: 1st G eneration
: T(48-TSO P1), V(48-W SO P)
: Blank(N orm al), P(Lead Free)
: C(0℃ ~70℃ ), E(-25℃ ~85℃ )
M(-30℃ ~85℃ ), I(-40℃ ~85℃ )
: B(Included Bad Block), S(1~ 5 Bad Block),
P(All G ood Block)
: Fixed Item
: N on-fixed Item
: Part N um ber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com