Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83848MPHPREP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 25 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 21Page - Texas Instruments DP83848MPHPREP Datasheet HTML 22Page - Texas Instruments DP83848MPHPREP Datasheet HTML 23Page - Texas Instruments DP83848MPHPREP Datasheet HTML 24Page - Texas Instruments DP83848MPHPREP Datasheet HTML 25Page - Texas Instruments DP83848MPHPREP Datasheet HTML 26Page - Texas Instruments DP83848MPHPREP Datasheet HTML 27Page - Texas Instruments DP83848MPHPREP Datasheet HTML 28Page - Texas Instruments DP83848MPHPREP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
Normal link pulses
T2.21.1
T2.21.2
TXE
PMD output pair
COL
T2.20.1
T2.20.2
TX_CLK
TX_EN
COL
T2.19.1
T2.19.2
25
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Specifications
Copyright © 2012–2019, Texas Instruments Incorporated
4.7.19 10-Mbps Heartbeat Timing
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.19.1
CD heartbeat delay
All 10-Mbps modes
1200
ns
T2.19.2
CD heartbeat duration
All 10-Mbps modes
1000
ns
Figure 4-20. 10-Mbps Heartbeat Timing
4.7.20 10-Mbps Jabber Timing
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.20.1
Jabber activation time
85
ms
T2.20.2
Jabber deactivation time
500
ms
(1)
These specifications represent transmit timings.
Figure 4-21. 10-Mbps Jabber Timing
4.7.21 10BASE-T Normal Link Pulse Timing
PARAMETER
DESCRIPTION
NOTES(1)
MIN
TYP
MAX
UNIT
T2.21.1
Pulse width
100
ns
T2.21.2
Pulse period
16
ms
Figure 4-22. 10BASE-T Normal Link Pulse Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com