Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83848MPHPREP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 38 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 34Page - Texas Instruments DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments DP83848MPHPREP Datasheet HTML 37Page - Texas Instruments DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments DP83848MPHPREP Datasheet HTML 40Page - Texas Instruments DP83848MPHPREP Datasheet HTML 41Page - Texas Instruments DP83848MPHPREP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
38
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
5.3.6
Energy Detect Mode
When Energy Detect is enabled and there is no activity on the cable, the DP83848-EP will remain in a low
power mode while monitoring the transmission line. Activity on the line will cause the DP83848-EP to go
through a normal power up sequence. Regardless of cable activity, the DP83848-EP will occasionally
wake up the transmitter to put ED pulses on the line, but will otherwise draw as little power as possible.
Energy detect functionality is controlled via register Energy Detect Control (EDCR), address 0x1Dh.
5.4
Device Functional Modes
The DP83848-EP supports several modes of operation using the MII interface pins. The options are
defined in the following sections and include:
•
MII mode
•
RMII mode
•
10-Mb serial network interface (SNI)
The modes of operation can be selected by strap options or register control. For RMII mode, it is required
to use the strap option, since it requires a 50-MHz clock instead of the normal 25 MHz.
In each of these modes, the IEEE 802.3 serial management interface is operational for device
configuration and status. The serial management interface of the MII allows for the configuration and
control of multiple PHY devices, gathering of status, error information, and the determination of the type
and capabilities of the attached PHY(s).
5.4.1
MII Interface
The DP83848-EP incorporates the Media Independent Interface (MII) as specified in Clause 22 of the
IEEE 802.3u standard. This interface may be used to connect PHY devices to a MAC in 10/100-Mbps
systems. This section describes the nibble-wide MII data interface.
The nibble-wide MII data interface consists of a receive bus and a transmit bus each with control signals
to facilitate data transfer between the PHY and the upper layer (MAC).
5.4.1.1
Nibble-wide MII Data Interface
Clause 22 of the IEEE 802.3u specification defines the Media Independent Interface. This interface
includes a dedicated receive bus and a dedicated transmit bus. These two data buses, along with various
control and status signals, allow for the simultaneous exchange of data between the DP83848-EP and the
upper layer agent (MAC).
The receive interface consists of a nibble-wide data bus RXD[3:0], a receive error signal RX_ER, a
receive data valid flag RX_DV, and a receive clock RX_CLK for synchronous transfer of the data. The
receive clock operates at either 2.5 MHz to support 10-Mbps operation modes or at 25 MHz to support
100-Mbps operational modes.
The transmit interface consists of a nibble-wide data bus TXD[3:0], a transmit enable control signal
TX_EN, and a transmit clock TX_CLK which runs at either 2.5 MHz or 25 MHz.
Additionally, the MII includes the carrier sense signal CRS, as well as a collision detect signal COL. The
CRS signal asserts to indicate the reception of data from the network or as a function of transmit data in
Half Duplex mode. The COL signal asserts as an indication of a collision which can occur during half-
duplex operation when both a transmit and receive operation occur simultaneously.
5.4.1.2
Collision Detect
For Half Duplex, a 10BASE-T or 100BASE-TX collision is detected when the receive and transmit
channels are active simultaneously. Collisions are reported by the COL signal on the MII.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com