Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83848MPHPREP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 35 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 31Page - Texas Instruments DP83848MPHPREP Datasheet HTML 32Page - Texas Instruments DP83848MPHPREP Datasheet HTML 33Page - Texas Instruments DP83848MPHPREP Datasheet HTML 34Page - Texas Instruments DP83848MPHPREP Datasheet HTML 35Page - Texas Instruments DP83848MPHPREP Datasheet HTML 36Page - Texas Instruments DP83848MPHPREP Datasheet HTML 37Page - Texas Instruments DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
35
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
5.3.1.4
Auto-Negotiation Restart
Once Auto-Negotiation has completed, it may be restarted at any time by setting bit 9 (Restart Auto-
Negotiation) of the BMCR to one. If the mode configured by a successful Auto-Negotiation loses a valid
link, then the Auto-Negotiation process will resume and attempt to determine the configuration for the link.
This function ensures that a valid configuration is maintained if the cable becomes disconnected.
A renegotiation request from any entity, such as a management agent, will cause the DP83848-EP to halt
any transmit data and link pulse activity until the break_link_timer expires (~1500 ms). Consequently, the
Link Partner will go into link fail and normal Auto-Negotiation resumes. The DP83848-EP will resume
Auto-Negotiation after the break_link_timer has expired by issuing FLP (Fast Link Pulse) bursts.
5.3.1.5
Enabling Auto-Negotiation via Software
It is important to note that if the DP83848-EP has been initialized upon power-up as a non-auto-
negotiating device (forced technology), and it is then required that Auto-Negotiation or re-Auto-Negotiation
be initiated via software, bit 12 (Auto-Negotiation Enable) of the Basic Mode Control Register (BMCR)
must first be cleared and then set for any Auto-Negotiation function to take effect.
5.3.1.6
Auto-Negotiation Complete Time
Parallel detection and Auto-Negotiation take approximately 2-3 seconds to complete. In addition, Auto-
Negotiation with next page should take approximately 2-3 seconds to complete, depending on the number
of next pages sent.
Refer to Clause 28 of the IEEE 802.3u standard for a full description of the individual timers related to
Auto-Negotiation.
5.3.2
Auto-MDIX
When enabled, this function uses Auto-Negotiation to determine the proper configuration for transmission
and reception of data and subsequently selects the appropriate MDI pair for MDI/MDIX operation. The
function uses a random seed to control switching of the crossover circuitry. This implementation complies
with the corresponding IEEE 802.3 Auto-Negotiation and Crossover Specifications.
Auto-MDIX is enabled by default and can be configured via strap or via PHYCR (19h) register, bits [15:14].
Neither Auto-Negotiation nor Auto-MDIX is required to be enabled in forcing crossover of the MDI pairs.
Forced crossover can be achieved through the FORCE_MDIX bit, bit 14 of PHYCR (19h) register.
Note: Auto-MDIX will not work in a forced mode of operation.
5.3.3
LED Interface
The DP83848-EP supports three configurable light emitting diode (LED) pins. The device supports three
LED configurations: Link, Speed, Activity and Collision. Functions are multiplexed among the LEDs. The
PHYCR for the LEDs can also be selected through address 19h, bits [6:5].
Table 5-2. LED Mode Select
MODE
LED_CGF[1]
(BIT 6)
LED_CFG[0]
(BIT 5)
or (PIN 40)
LED_LINK
LED_SPEED
LED_ACT/COL
1
don't care
1
ON for Good Link
OFF for No Link
ON in 100 Mbps
OFF in 10 Mbps
ON for Activity
OFF for No Activity
2
0
0
ON for Good Link
BLINK for Activity
ON in 100 Mbps
OFF in 10 Mbps
ON for Collision
OFF for No Collision
3
1
0
ON for Good Link
BLINK for Activity
ON in 100 Mbps
OFF in 10 Mbps
ON for Full Duplex
OFF for Half Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com