Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83848MPHPREP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 42 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 38Page - Texas Instruments DP83848MPHPREP Datasheet HTML 39Page - Texas Instruments DP83848MPHPREP Datasheet HTML 40Page - Texas Instruments DP83848MPHPREP Datasheet HTML 41Page - Texas Instruments DP83848MPHPREP Datasheet HTML 42Page - Texas Instruments DP83848MPHPREP Datasheet HTML 43Page - Texas Instruments DP83848MPHPREP Datasheet HTML 44Page - Texas Instruments DP83848MPHPREP Datasheet HTML 45Page - Texas Instruments DP83848MPHPREP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
42
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
5.4.4
PHY Address
The 5 PHY address inputs pins are shared with the RXD[3:0] pins and COL pin are shown below.
Table 5-5. PHY Address Mapping
Pin No.
PHYAD Function
RXD Function
42
PHYAD0
COL
43
PHYAD1
RXD_0
44
PHYAD2
RXD_1
45
PHYAD3
RXD_2
46
PHYAD4
RXD_3
The DP83848-EP can be set to respond to any of 32 possible PHY addresses via strap pins. The
information is latched into the PHYCR register (address 19h, bits [4:0]) at device power-up and hardware
reset. The PHY Address pins are shared with the RXD and COL pins. Each DP83848-EP or port sharing
an MDIO bus in a system must have a unique physical address.
The DP83848-EP supports PHY Address strapping values 0 (<00000>) through 31 (<11111>). Strapping
PHY Address 0 puts the part into Isolate Mode. It should also be noted that selecting PHY Address 0 via
an MDIO write to PHYCR will not put the device in Isolate Mode. See Section 5.4.4.1 for more information.
For further detail relating to the latch-in timing requirements of the PHY Address pins, as well as the other
hardware configuration pins, refer to the Reset summary in Section 5.4.6.
Because the PHYAD[0] pin has weak internal pullup resistor and PHYAD[4:1] pins have weak internal
pulldown resistors, the default setting for the PHY address is 00001 (0x01h).
Refer to Figure 5-4 for an example of a PHYAD connection to external components. In this example, the
PHYAD strapping results in address 000101 (0x03h).
Figure 5-4. PHYAD Strapping Example
5.4.4.1
MII Isolate Mode
The DP83848-EP can be put into MII Isolate mode by writing to bit 10 of the BMCR register or by
strapping in Physical Address 0. It should be noted that selecting Physical Address 0 via an MDIO write to
PHYCR will not put the device in the MII isolate mode.
When in the MII isolate mode, the DP83848-EP does not respond to packet data present at TXD[3:0],
TX_EN inputs and presents a high impedance on the TX_CLK, RX_CLK, RX_DV, RX_ER, RXD[3:0],
COL, and CRS outputs. When in Isolate mode, the DP83848-EP will continue to respond to all
management transactions.
While in Isolate mode, the PMD output pair will not transmit packet data but will continue to source
100BASE-TX scrambled idles or 10BASE-T normal link pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com