Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 333Page - Renesas Technology Corp HD64F2145 Datasheet HTML 334Page - Renesas Technology Corp HD64F2145 Datasheet HTML 335Page - Renesas Technology Corp HD64F2145 Datasheet HTML 336Page - Renesas Technology Corp HD64F2145 Datasheet HTML 337Page - Renesas Technology Corp HD64F2145 Datasheet HTML 338Page - Renesas Technology Corp HD64F2145 Datasheet HTML 339Page - Renesas Technology Corp HD64F2145 Datasheet HTML 340Page - Renesas Technology Corp HD64F2145 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 829 page
background image
Rev. 2.0, 08/02, page 297 of 788
Section 13 Timer Connection
This LSI allows interconnection between a 16-bit free-running timer (FRT) and three 8-bit timer
channels (TMR_1, TMR_X, and TMR_Y). This capability can be used to implement complex
functions such as PWM decoding and clamp waveform output.
13.1
Features
• Five input pins and four output pins, all of which can be designated for phase inversion.
Positive logic is assumed for all signals used within the timer connection facility.
• An edge-detection circuit is connected to the input pins, simplifying signal input detection.
• TMR_X can be used for PWM input signal decoding.
• TMR_X can be used for clamp waveform generation.
• An external clock signal divided by TMR_1 can be used as the FRT capture input signal.
• An internal synchronization signal can be generated using the FRT and TMR_Y.
• A signal generated/modified using an input signal and timer connection can be selected and
output.
TIMC0N01_010020020700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com