Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 38Page - Renesas Technology Corp HD64F2145 Datasheet HTML 39Page - Renesas Technology Corp HD64F2145 Datasheet HTML 40Page - Renesas Technology Corp HD64F2145 Datasheet HTML 41Page - Renesas Technology Corp HD64F2145 Datasheet HTML 42Page - Renesas Technology Corp HD64F2145 Datasheet HTML 43Page - Renesas Technology Corp HD64F2145 Datasheet HTML 44Page - Renesas Technology Corp HD64F2145 Datasheet HTML 45Page - Renesas Technology Corp HD64F2145 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 829 page
background image
Rev. 2.0, 08/02, page 2 of 788
• On-chip memory
ROM
Model
ROM
RAM
Remarks
F-ZTAT Version
HD64F2161BV*
128 kbytes
4 kbytes
HD64F2160BV*
64 kbytes
4 kbytes
HD64F2141BV*
128 kbytes
4 kbytes
HD64F2140BV*
64 kbytes
4 kbytes
HD64F2145BV*
256 kbytes
8 kbytes
Under
development
HD64F2148BV*
128 kbytes
4 kbytes
HD64F2148B
128 kbytes
4 kbytes
HD6432161BV*
128 kbytes
4 kbytes
HD6432160BV*
64 kbytes
4 kbytes
HD6432161BVW*
128 kbytes
4 kbytes
Masked ROM
Version
HD6432160BVW*
64 kbytes
4 kbytes
Under
development
Note:* 3-V version product
• General I/O ports
I/O pins: 74 (H8S/2140B, H8S/2141B, H8S/2145B, and H8S/2148B)
I/O pins: 114 (H8S/2160B and H8S/2161B)
Input-only pins: 8
• Supports various power-down states
• Compact package
Product
Package
Code
Body Size
Pin Pitch
H8S/2161B, H8S/2160B
TQFP-144
TFP-144
18.0
× 18.0 mm
0.4 mm
H8S/2141B, H8S/2140B
H8S/2145B, H8S/2148B
QFP-100B
TQFP-100B
FP-100B
TFP-100B
16.0
× 16.0 mm
0.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com