Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 58Page - Renesas Technology Corp HD64F2145 Datasheet HTML 59Page - Renesas Technology Corp HD64F2145 Datasheet HTML 60Page - Renesas Technology Corp HD64F2145 Datasheet HTML 61Page - Renesas Technology Corp HD64F2145 Datasheet HTML 62Page - Renesas Technology Corp HD64F2145 Datasheet HTML 63Page - Renesas Technology Corp HD64F2145 Datasheet HTML 64Page - Renesas Technology Corp HD64F2145 Datasheet HTML 65Page - Renesas Technology Corp HD64F2145 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 829 page
background image
Rev. 2.0, 08/02, page 22 of 788
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
SERIRQ
89
128
Input/
Output
Input/output pin for LPC serialized host
interrupts (HIRQ1, SMI, HIRQ6, HIRQ9 to
HIRQ12).
LSCI,
/60,, 30(
90, 91, 93
119, 120,
129
Input/
Output
LPC auxiliary output pins. Functionally,
they are general I/O ports.
GA20
94
130
Input/
Output
A20 gate control signal output pin. Output
state monitoring input is possible.
&/.581
95
131
Input/
Output
Input/output pin that requests the start of
LCLK operation when LCLK is stopped.
Host
interface
(LPC)
/3&3'
96
132
Input
Input pin that controls LPC module
shutdown.
.,13 to
.,148
26 to 29,
32 to 35,
48, 47, 31,
30, 21, 20,
11, 10
78 to 85,
41 to 37,
35 to 33
Input
Matrix keyboard input pins.
.,13 to .,148
are used as key-scan inputs, and P10 to
P17 and P20 to P27 are used as key-scan
outputs. This allows a maximum 16-output
× 16-input, 256-key matrix to be configured.
Keyboard
buffer
controller
:8(3 to
:8(:
91, 90, 81,
80, 69, 68,
58, 57
120 to
113
Input
Wakeup event input pins. These pins allow
the same kind of wakeup as key-wakeup
from various sources.
AN7 to
AN0
45 to 38
68 to 75
Input
Analog input pins.
CIN0 to
CIN15
26 to 29,
32 to 35,
48, 47, 31,
30, 21, 20,
11, 10
78 to 85,
41 to 37,
35 to 33
Input
A/D conversion input pins, but since they
are also used as digital input/output pins,
accuracy will fall.
A/D
converter
$'75*
25
24
Input
Pin for input of an external trigger to start
A/D conversion.
D/A
converter
DA0
DA1
44
45
74
75
Output Analog output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com