Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 123Page - Renesas Technology Corp HD64F2145 Datasheet HTML 124Page - Renesas Technology Corp HD64F2145 Datasheet HTML 125Page - Renesas Technology Corp HD64F2145 Datasheet HTML 126Page - Renesas Technology Corp HD64F2145 Datasheet HTML 127Page - Renesas Technology Corp HD64F2145 Datasheet HTML 128Page - Renesas Technology Corp HD64F2145 Datasheet HTML 129Page - Renesas Technology Corp HD64F2145 Datasheet HTML 130Page - Renesas Technology Corp HD64F2145 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 829 page
background image
Rev. 2.0, 08/02, page 87 of 788
5.2
Input/Output Pins
Table 5.1 summarizes the pins of the interrupt controller.
Table 5.1
Pin Configuration
Symbol
I/O
Function
NMI
Input
Nonmaskable external interrupt
Rising edge or falling edge can be selected
,54: to ,543
Input
Maskable external interrupts
Rising edge, falling edge, or both edges, or level sensing, can
be selected individually for each pin.
.,148 to .,13
Input
Maskable external interrupts
Falling edge or level sensing can be selected.
:8(: to :8(3*
Input
Maskable external interrupts
Falling edge or level sensing can be selected.
Note:* Not supported by the H8S/2148B.
5.3
Register Descriptions
The interrupt controller has the following registers. For details on the system control register
(SYSCR), refer to section 3.2.2, System Control Register (SYSCR).
• Interrupt control registers A to C (ICRA to ICRC)
• Address break control register (ABRKCR)
• Break address registers A to C (BARA to BARC)
• IRQ sense control registers (ISCRH, ISCRL)
• IRQ enable register (IER)
• IRQ status register (ISR)
• Keyboard matrix interrupt mask registers (KMIMRA, KMIMR)
• Wake-up event interrupt mask register (WUEMRB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com