Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 232Page - Renesas Technology Corp HD64F2145 Datasheet HTML 233Page - Renesas Technology Corp HD64F2145 Datasheet HTML 234Page - Renesas Technology Corp HD64F2145 Datasheet HTML 235Page - Renesas Technology Corp HD64F2145 Datasheet HTML 236Page - Renesas Technology Corp HD64F2145 Datasheet HTML 237Page - Renesas Technology Corp HD64F2145 Datasheet HTML 238Page - Renesas Technology Corp HD64F2145 Datasheet HTML 239Page - Renesas Technology Corp HD64F2145 Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 829 page
background image
Rev. 2.0, 08/02, page 196 of 788
• PA2/A18/.,143/CIN10/PS2AC
The pin function is switched as shown below according to the combination of operating mode,
the KBIOE bit in KBCRH_0 of the keyboard buffer controller, the IOSE bit in SYSCR, and
the PA2DDR bit.
Operating
Mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
KBIOE
0
1
0
1
PA2DDR
0
1
—
0
1
—
IOSE
—
—
—
—
0
1
—
PA2
input pin
PA2
output pin
PS2AC
output pin
PA2
input pin
A18
output pin
PA2
output pin
PS2AC
output pin
Pin
Function
.,143 input pin, CIN10 input pin, PS2AC input pin*
Note:* When the KBIOE bit is set to 1, this pin is an NMOS open-drain output, and has direct bus
drive capability. This pin can always be used as the PS2AC,
.,143, or CIN10 input pin.
• PA1/A17/.,1</CIN9
The pin function is switched as shown below according to the combination of operating mode,
the IOSE bit in SYSCR and the PA1DDR bit.
Operating
Mode
Modes 1, 2 (EXPE = 0), 3
Mode 2 (EXPE = 1)
PA1DDR
0
1
0
1
IOSE
—
—
—
0
1
PA1
input pin
PA1
output pin
PA1
input pin
A17
output pin
PA1
output pin
Pin Function
.,1< input pin, CIN9 input pin*
Note:* This pin can always be used as the
.,1< or CIN9 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com