Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 240Page - Renesas Technology Corp HD64F2145 Datasheet HTML 241Page - Renesas Technology Corp HD64F2145 Datasheet HTML 242Page - Renesas Technology Corp HD64F2145 Datasheet HTML 243Page - Renesas Technology Corp HD64F2145 Datasheet HTML 244Page - Renesas Technology Corp HD64F2145 Datasheet HTML 245Page - Renesas Technology Corp HD64F2145 Datasheet HTML 246Page - Renesas Technology Corp HD64F2145 Datasheet HTML 247Page - Renesas Technology Corp HD64F2145 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 829 page
background image
Rev. 2.0, 08/02, page 204 of 788
Table 8.8
H8S/2160B, H8S/2161B Additional Port Functions
Mode 2, 3
Port
Description
Mode 1
(EXPE = 1)
(EXPE = 0)
I/O Status
Port C
8-bit I/O port
PC7 to PC0
On-chip input
pull-up MOSs
Port D
8-bit I/O port
PD7 to PD0
On-chip input
pull-up MOSs
Port E
8-bit I/O port
PE7 to PE0
On-chip input
pull-up MOSs
Port F
8-bit I/O port
PF7 to PF0
On-chip input
pull-up MOSs
Port G
8-bit I/O port
PG7 to PG0
8.14
Ports C, D
Port C and port D are two sets of 8-bit I/O ports. The pin functions are the same in all operating
modes.
• Port C data direction register (PCDDR)
• Port C output data register (PCODR)
• Port C input data register (PCPIN)
• Port C Nch-OD control register (PCNOCR)
• Port D data direction register (PDDDR)
• Port D output data register (PDODR)
• Port D input data register (PDPIN)
• Port D Nch-OD control register (PDNOCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com