Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 264Page - Renesas Technology Corp HD64F2145 Datasheet HTML 265Page - Renesas Technology Corp HD64F2145 Datasheet HTML 266Page - Renesas Technology Corp HD64F2145 Datasheet HTML 267Page - Renesas Technology Corp HD64F2145 Datasheet HTML 268Page - Renesas Technology Corp HD64F2145 Datasheet HTML 269Page - Renesas Technology Corp HD64F2145 Datasheet HTML 270Page - Renesas Technology Corp HD64F2145 Datasheet HTML 271Page - Renesas Technology Corp HD64F2145 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 829 page
background image
Rev. 2.0, 08/02, page 228 of 788
10.2
Input/Output Pins
Table 10.1 lists the PWM (D/A) module input and output pins.
Table 10.1
Pin Configuration
Name
Abbreviation
I/O
Function
PWM output pin X0
PWX0
Output
PWM output of PWMX channel A
PWM output pin X1
PWX1
Output
PWM output of PWMX channel B
10.3
Register Descriptions
The PWM (D/A) module has the following registers. The PWM (D/A) registers are assigned to the
same addresses with other registers. The registers are selected by the IICE bit in the serial timer
control register (STCR). For details on STCR, see section 3.2.3, Serial Timer Control Register
(STCR).
• PWM (D/A) counter H (DACNTH)
• PWM (D/A) counter L (DACNTL)
• PWM (D/A) data register AH (DADRAH)
• PWM (D/A) data register AL (DADRAL)
• PWM (D/A) data register BH (DADRBH)
• PWM (D/A) data register BL (DADRBL)
• PWM (D/A) control register (DACR)
Note:
The same addresses are shared by DADRA and DACR, and by DADRB and DACNT.
Switching is performed by the REGS bit in DACNT or DADRB.
10.3.1
PWM (D/A) Counters H and L (DACNTH, DACNTL)
DACNT is a 14-bit readable/writable up-counter. The input clock is selected by the clock select bit
(CKS) in DACR. DACNT functions as the time base for both PWM (D/A) channels. When a
channel operates with 14-bit precision, it uses all DACNT bits. When a channel operates with 12-
bit precision, it uses the lower 12 bits and ignores the upper two bits. Since DACNT consists of
16-bit data, DACNT transfers data to the CPU via the temporary register (TEMP). For details,
refer to section 10.4, Bus Master Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com