Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD64F2145 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 270Page - Renesas Technology Corp HD64F2145 Datasheet HTML 271Page - Renesas Technology Corp HD64F2145 Datasheet HTML 272Page - Renesas Technology Corp HD64F2145 Datasheet HTML 273Page - Renesas Technology Corp HD64F2145 Datasheet HTML 274Page - Renesas Technology Corp HD64F2145 Datasheet HTML 275Page - Renesas Technology Corp HD64F2145 Datasheet HTML 276Page - Renesas Technology Corp HD64F2145 Datasheet HTML 277Page - Renesas Technology Corp HD64F2145 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 829 page
background image
Rev. 2.0, 08/02, page 234 of 788
MOV.W R0, @DACNT
; Write R0 contents to DACNT
Example 2: Read DADRA
MOV.W @DADRA, R0
; Copy contents of DADRA to R0
Table 10.2
Read and Write Access Methods for 16-Bit Registers
Read
Write
Register Name
Word
Byte
Word
Byte
DADRA and DADRB
Yes
Yes
Yes
×
DACNT
Yes
×
Yes
×
Legend
Yes:
Permitted type of access. Word access includes successive byte accesses to the upper
byte (first) and lower byte (second).
×:
This type of access may give incorrect results.
10.5
Operation
A PWM waveform like the one shown in figure 10.2 is output from the PWMX pin. The value in
DADR corresponds to the total width (T
L) of the low (0) pulses output in one conversion cycle
(256 pulses when CFS = 0, 64 pulses when CFS = 1). When OS = 0, this waveform is directly
output. When OS = 1, the output waveform is inverted, and the DADR value corresponds to the
total width (T
H) of the high (1) output pulses. Figures 10.3 and 10.4 show the types of waveform
output available.
tf
tL
T: Resolution
TL =
tLn (OS = 0)
(When CFS = 0, m = 256
When CFS = 1, m = 64)
m
n = 1
1 conversion cycle
(T
214 (= 16384))
Base cycle
(T
64 or T
256)
Figure 10.2 PWM D/A Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com