Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMT092DNPFWD Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT092DNPFWD
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT092DNPFWD Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT092DNPFWD Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT092DNPFWD
NURL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT092DNPFWD-Manual-Rev0.1.doc
Page: 4 of 14
3. Terminal Function
3.1
CN1 pin assignment(LVDS interface)
FPC down Connector type: FH52E-40S-0.5SH
Pin
Symbol
I/O
Description
Remark
1
GND
P
Ground
2
GND
P
Ground
3
RXO0-
I
Negative LVDS differential data input. Channel O0 (odd)
4
RXO0+
I
Positive LVDS differential data input. Channel O0 (odd)
5
GND
P
Ground
6
RXO1-
I
Negative LVDS differential data input. Channel O1 (odd)
7
RXO1+
I
Positive LVDS differential data input. Channel O1 (odd)
8
GND
P
Ground
9
RXO2-
I
Negative LVDS differential data input. Channel O2 (odd)
10
RXO2+
I
Positive LVDS differential data input. Channel O2 (odd)
11
GND
P
Ground
12
RXOC-
I
Negative LVDS differential clock input. (odd)
13
RXOC+
I
Positive LVDS differential clock input. (odd)
14
GND
P
Ground
15
RXO3-
I
Negative LVDS differential data input. Channel O3(odd)
16
RXO3+
I
Positive LVDS differential data input. Channel O3 (odd)
17
GND
P
Ground
18
RXE0-
I
Negative LVDS differential data input. Channel E0 (even)
19
RXE0+
I
Positive LVDS differential data input. Channel E0 (even)
20
GND
P
Ground
21
RXE1-
I
Negative LVDS differential data input. Channel E1 (even)
22
RXE1+
I
Positive LVDS differential data input. Channel E1 (even)
23
GND
P
Ground
24
RXE2-
I
Negative LVDS differential data input. Channel E2 (even)
25
RXE2+
I
Positive LVDS differential data input. Channel E2 (even)
26
GND
P
Ground
27
RXEC-
I
Negative LVDS differential clock input. (even)
28
RXEC+
I
Positive LVDS differential clock input. (even)
29
GND
P
Ground
30
RXE3-
I
Negative LVDS differential data input. Channel E3 (even)
31
RXE3+
I
Positive LVDS differential data input. Channel E3 (even)
32
GND
P
Ground
33
GND
P
Ground
34
CSB
I
Chip select, Serial interface chip enable signal.
CSB=0:Selected. CSB=1: Not selected.
35
SCL
I
SPI clock
36
SDA
I/O
Serial interface address and data input/output.
37
NC
-
Dummy
38
VCC
P
Power Input
39
VCC
P
Power Input
40
VCC
P
Power Input
I---Input, O---Output, P--- Power/Ground,“-”---No connection
Table 3.1 terminal pin assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com