Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMT092DNPFWD Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT092DNPFWD
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT092DNPFWD Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT092DNPFWD Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT092DNPFWD
NURL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT092DNPFWD-Manual-Rev0.1.doc
Page: 3 of 14
1. General Specification
Signal Interface :
LVDS (VESA standard, 24bit) + SPI(3-wire)
Display Mode :
Transmissive with Normally White
Screen Size :
9.2 inch
Outline Dimension :
237 x 72.3 x 5.8 (mm)
(see outline drawing for details)
Active Area :
226.944 x 56.736 (mm)
Number of dots :
1920x 3 (RGB) x 480
Dot Pitch :
0.1182×0.1182 (mm)
Pixel Configuration :
R.G.B. Vertical Stripe
Backlight :
White LED
Viewing Direction :
12 o’clock ( Gray scale Inversion ) (*1)
6
o’clock (*2)
Operating Temperature :
-30 ~ +85°C
Storage Temperature :
-40 ~ +95°C
Note:
*1. For saturated color display content (eg. pure-red, pure-green, pure-blue or pure-colors -combinations).
*2. For “color scales” display content.
*3. Color tone may slightly change by temperature and driving condition.
2. Block Diagram
LCD Panel
9.2 inch
1920(RGB)*480
BLU
Source + Gate
Driver
VCOM
&
TCON
Grayscale
Manipulation
Voltage
DC/DC
RXO0-/+
etc.
CSB,SCL,SDA
VCC,GND
VLED+、VLED-
LVDS
Signal
SPI
POWER
BLU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com