Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMT092DNPFWD Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT092DNPFWD
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT092DNPFWD Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT092DNPFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT092DNPFWD
NURL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT092DNPFWD-Manual-Rev0.1.doc
Page: 7 of 14
Figure 5.2 LED connection of backlight
6. Timing Chart
6.1
POWER ON/OFF SEQUENCE
Item
Symbol
Min
Typ
Max
Unit
Remark
VCC 3.3V to signal starting
Tp1
5
-
50
ms
VCC rising time
Tr
0.1
-
5
ms
Note1
Signal starting to backlight on
Tp2
150
-
-
ms
Signal off to VCC 0V
Tp3
5
-
50
ms
Backlight off to signal off
Tp4
150
-
-
ms
Table 6.1 POWER ON/OFF SEQUENCE
Note1: Tr means the time of input voltage rise from 10% to 90%.
Figure 6.1 Interface power on/off sequence
3.3V
3.3V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com