Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMT092DNPFWD Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT092DNPFWD
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT092DNPFWD Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT092DNPFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT092DNPFWD Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TOPWAY
LCD Module User Manual
LMT092DNPFWD
NURL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT092DNPFWD-Manual-Rev0.1.doc
Page: 8 of 14
6.2
Input Timing Characterustics
VCC=3.3V, GND=0V, Ta=25℃
Parameter
Symbol
Min
Typ
Max
Unit
Remark
Fclk
35.11
MHz
Tclk=1/Fclk
DCLK(Frame rate=60HZ)
Tclk
28.5
ns
Horizontal total
Th
-
992
-
Tclk
Valid Data Width
Thd
-
960
-
Tclk
Horizon
tal
section
Horizontal
blanking
Thb
-
32
-
Tclk
Vertical total
TV
-
590
-
TH
Valid Data Width
Tvd
-
480
-
TH
Vertical
section
Vertical blanking
Tvb
-
110
-
TH
Table 6.2 AC characteristics
Figure 6.2 AC characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com