Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1963QL9 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 85Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 86Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 87Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 88Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 89Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 90Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 91Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 92Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 93Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
SSD1963
Rev 1.1
P 89/93
Jan 2010
Solomon Systech
Figure 14-2 : Application circuit for SSD1963 (With crystal oscillator input)
1.65-3.6V
RESET
CS#
D/C#
E(RD#)
R/W#(WR#)
D[23:0]
TE
CONF
CLK
XTAL_OUT
XTAL_IN
SSD1963
VDDD
VDDPLL
VDDIO
VDDLCD
0.1uF
1uF
MCU
1.2V+/-10%
1uF
1.2V+/-10%
Dumb
Display
GPIO1
GPIO2
GPIO3
LFRAME
LLINE
LDEN
LSHIFT
LDATA[23:16]
LDATA[15:8]
LDATA[7:0]
GPIO0
PWM
SCL
SDA
CS#
VSYNC
HSYNC
DEN
PCLK
R[7:0]
G[7:0]
B[7:0]
SHUT
PWM
5pF
120 ohm
2.5-10MHz
1.65-3.6V
0.1uF
5pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com