Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1963QL9 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 57Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 58Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 59Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 60Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 61Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 62Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 63Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 64Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
SSD1963
Rev 1.1
P 61/93
Jan 2010
Solomon Systech
9.51 set_lcd_gen2
Command
0xC4
Parameters
7
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
1
0
0
0
1
0
0
C4
Parameter 1
1
A7
0
0
0
0
0
0
0
xx
Parameter 2
1
0
0
0
0
0
GF210
GF29
GF28
xx
Parameter 3
1
GF27
GF26
GF25
GF24
GF23
GF22
GF21
GF20
xx
Parameter 4
1
0
0
0
0
0
GR210
GR29
GR28
xx
Parameter 5
1
GR27
GR26
GR25
GR24
GR23
GR22
GR21
GR20
xx
Parameter 6
1
F7
F6
F5
F4
F3
GP210
GP29
GP28
xx
Parameter 7
1
GP27
GP26
GP25
GP24
GP23
GP22
GP21
GP20
xx
Description
Set the rise, fall, period and toggling properties of LCD signal generator 2
A[7] : Reset LCD generator 2 at every frame start
0
The generator 2 will not reset in the starting point of a frame
1
The generator 2 will reset in the starting point of a frame
GF2[10:8] : The highest 3 bits of the generator 2 falling position (POR = 000)
GF2[7:0] : The lower byte of the generator 2 falling position (POR = 00000001)
GR2[10:8] : The highest 3 bits of the generator 2 rising position (POR = 000)
GR2[7:0] : The lower byte of the generator 2 rising position (POR = 00000000)
F[7] : Force the generator 2 output to 0 in non-display period
0
generator 2 is normal
1
generator 2 output is forced to 0 in non-display period
F[6:5] : Force the generator 2 output to 0 in odd or even lines
00
generator 2 is normal in both odd and even lines
01
generator 2 output is force to 0 in odd lines
10
generator 2 output is force to 0 in even lines
11
generator 2 is normal in both odd and even line
F[4:3] : Generator 2 toggle mode
00
Disable
01
Toggle by pixel clock (LSHIFT)
10
Toggle by Line (LLINE)
11
Toggle by Frame (LFRAME)
GP2[10:8] : The highest 3 bits of the generator 2 period (POR = 100)
GP2[7:0] : The lower byte of the generator 2 period (POR = 00000000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com