Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSD1963QL9 Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # SSD1963QL9
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9 Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9 Datasheet HTML 85Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 86Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 87Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 88Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 89Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 90Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 91Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 92Page - List of Unclassifed Manufacturers SSD1963QL9 Datasheet HTML 93Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
SSD1963
Rev 1.1
P 91/93
Jan 2010
Solomon Systech
15.2 Package Mechanical Drawing for 128 pins LQFP
Dimension in mm
Symbol
Min
Nom
Max
A
1.60
A1
0.05
A2
1.40
D
16.00
D1
14.00
E
16.00
E1
14.00
e
0.40 BSC
b
0.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com