Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC11030AI2-T Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC11030AI2-T
Description  Low-Jitter Precision LVDS Oscillator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC11030AI2-T Datasheet(HTML) 2 Page - Microchip Technology

  DSC11030AI2-T Datasheet HTML 1Page - Microchip Technology DSC11030AI2-T Datasheet HTML 2Page - Microchip Technology DSC11030AI2-T Datasheet HTML 3Page - Microchip Technology DSC11030AI2-T Datasheet HTML 4Page - Microchip Technology DSC11030AI2-T Datasheet HTML 5Page - Microchip Technology DSC11030AI2-T Datasheet HTML 6Page - Microchip Technology DSC11030AI2-T Datasheet HTML 7Page - Microchip Technology DSC11030AI2-T Datasheet HTML 8Page - Microchip Technology DSC11030AI2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DSC1103/23
DS20005745B-page 2
 2017-2018 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage .......................................................................................................................................–0.3V to VDD+0.3V
ESD Protection (HBM) ...............................................................................................................................................4 kV
ESD Protection (MM) ................................................................................................................................................400V
ESD Protection (CDM) ............................................................................................................................................1.5 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Specifications: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)VDD
2.25
—
3.63
V
—
Supply Current
IDD
—
—
0.095
mA
DSC1103, EN pin low; all
outputs disabled.
—20
22
DSC1123, EN pin low; all
outputs disabled.
Frequency Stability
∆f
——
±10
ppm
Includes frequency
variations due to initial
tolerance, temp., and power
supply voltage.
——
±20
——
±25
——
±50
Aging - First Year
∆fY1
—
—
±5
ppm
One year at +25°C
Aging - After First Year
∆fY2+
—
—
<±1
ppm/yr
Year two and beyond at
+25°C
Start-up Time (Note 2)tSU
—
—
5
ms
T = +25°C
Input Logic Levels
VIH
0.75 x VDD
——
V
Input logic high
VIL
—
—
0.25 x VDD
Input logic low
Output Disable Time (Note 3)tDA
——
5
ns
—
Output Enable Time
tEN
—
—
5
ms
DSC1103
—
—
20
ns
DSC1123
Enable Pull-Up Resistor
(Note 4)
RPU
—40
—
kΩ
Pull-up resistor exist.
LVDS Outputs
Supply Current
IDD
—
29
32
mA
Output enabled, RL = 100Ω
Output Offset Voltage
VOS
1.125
—
1.4
V
R = 100Ω Differential
Delta Offset Voltage
∆VOS
——
50
mV
—
Peak-to-Peak Output Swing
VPP
—
350
—
mV
Single-Ended
Note 1: VDD pin should be filtered with a 0.1 µF capacitor.
2: tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
3: See the Output Waveform section and the Test Circuit for more information.
4: Output is enabled if pad is floated or not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com