Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC11030AI2-T Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC11030AI2-T
Description  Low-Jitter Precision LVDS Oscillator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC11030AI2-T Datasheet(HTML) 1 Page - Microchip Technology

  DSC11030AI2-T Datasheet HTML 1Page - Microchip Technology DSC11030AI2-T Datasheet HTML 2Page - Microchip Technology DSC11030AI2-T Datasheet HTML 3Page - Microchip Technology DSC11030AI2-T Datasheet HTML 4Page - Microchip Technology DSC11030AI2-T Datasheet HTML 5Page - Microchip Technology DSC11030AI2-T Datasheet HTML 6Page - Microchip Technology DSC11030AI2-T Datasheet HTML 7Page - Microchip Technology DSC11030AI2-T Datasheet HTML 8Page - Microchip Technology DSC11030AI2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2017-2018 Microchip Technology Inc.
DS20005745B-page 1
DSC1103/23
Features
• Low RMS Phase Jitter: <1 ps (typ.)
• High Stability: ±10 ppm, ±20 ppm, ±25 ppm,
±50 ppm
• Wide Temperature Range:
- Ext. Industrial –40°C to +105°C
- Industrial –40°C to +85°C
- Ext. Commercial –20°C to +70°C
• High Supply Noise Rejection: –50 dBc
• Wide Frequency Range:
- 2.3 MHz – 460 MHz
• Small Industry Standard Footprints
- 2.5 mm x 2.0 mm
- 3.2 mm x 2.5 mm
- 5.0 mm x 3.2 mm
- 7.0 mm x 5.0 mm
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x better MTF than quartz-based devices
• Low Current Consumption
• Supply Range of 2.25V to 3.63V
• Standby and Output Enable Functions
• Lead Free and RoHS-Compliant
Applications
• Storage Area Networks
- SATA, SAS, Fibre Channel
• Passive Optical Networks
- EPON, 10G-EPON, GPON, 10G-PON
• HD/SD/SDI Video and Surveillance
• PCI Express Gen 1/Gen 2/Gen 3
• Display Port
General Description
The
DSC1103
and
DSC1123
series
of
high
performance oscillators utilizes a proven silicon MEMS
technology to provide excellent jitter and stability over
a wide range of supply voltages and temperatures. By
eliminating the need for quartz or SAW technology,
MEMS oscillators significantly enhance reliability and
accelerate product development, while meeting
stringent clock performance criteria for a variety of
communications, storage, and networking applications.
DSC1103 has a standby feature allowing it to
completely power-down when EN pin is pulled low. For
DSC1123, only the outputs are disabled when EN is
low. Both oscillators are available in industry standard
packages, including the smallest 2.5 mm x 2.0 mm,
and are drop-in replacements for standard 6-pin LVDS
crystal oscillators.
Block Diagram
Pin 6
V
DD
Pin 1
Enable
Pin 4
Output
Pin 3
GND
Divider
Driver
MEMS
Oscillator
PLL
Temp. Sensor &
Compensation
Circuitry
Pin 2
NC
Pin 5
Output
Low-Jitter Precision LVDS Oscillator


Similar Part No. - DSC11030AI2-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC1103 MICREL-DSC1103 Datasheet
606Kb / 7P
Low-Jitter Precision LVDS Oscillator
DSC1103AE1 MICREL-DSC1103AE1 Datasheet
606Kb / 7P
Low-Jitter Precision LVDS Oscillator
DSC1103AE2 MICREL-DSC1103AE2 Datasheet
606Kb / 7P
Low-Jitter Precision LVDS Oscillator
DSC1103AE5 MICREL-DSC1103AE5 Datasheet
606Kb / 7P
Low-Jitter Precision LVDS Oscillator
DSC1103AI1 MICREL-DSC1103AI1 Datasheet
606Kb / 7P
Low-Jitter Precision LVDS Oscillator
More results

Similar Description - DSC11030AI2-T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U_10 Datasheet
571Kb / 14P
Precision Low Jitter 4x4 LVDS Crosspoint
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
Low Jitter Precision LVPECL Oscillator
EMEM1103 EUROQUARTZ-EMEM1103 Datasheet
431Kb / 4P
Low Jitter Precision LVDS Oscillator
logo
Micrel Semiconductor
DSC2033 MICREL-DSC2033 Datasheet
526Kb / 5P
Low-Jitter Configurable Dual LVDS Oscillator
DSC2030 MICREL-DSC2030 Datasheet
525Kb / 5P
Low-Jitter Configurable LVDS Oscillator
DSC1103 MICREL-DSC1103 Datasheet
606Kb / 7P
Low-Jitter Precision LVDS Oscillator
DSC1101 MICREL-DSC1101 Datasheet
697Kb / 7P
Low-Jitter Precision CMOS Oscillator
logo
Microchip Technology
DSA1103 MICROCHIP-DSA1103 Datasheet
598Kb / 28P
Low-Jitter Precision LVDS Oscillator for Automotive
05/14/19
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC8103 MICREL-DSC8103 Datasheet
609Kb / 6P
Programmable Low-Jitter Precision LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com