Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC11030AI2-T Datasheet(PDF) 3 Page - Microchip Technology

Part # DSC11030AI2-T
Description  Low-Jitter Precision LVDS Oscillator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC11030AI2-T Datasheet(HTML) 3 Page - Microchip Technology

  DSC11030AI2-T Datasheet HTML 1Page - Microchip Technology DSC11030AI2-T Datasheet HTML 2Page - Microchip Technology DSC11030AI2-T Datasheet HTML 3Page - Microchip Technology DSC11030AI2-T Datasheet HTML 4Page - Microchip Technology DSC11030AI2-T Datasheet HTML 5Page - Microchip Technology DSC11030AI2-T Datasheet HTML 6Page - Microchip Technology DSC11030AI2-T Datasheet HTML 7Page - Microchip Technology DSC11030AI2-T Datasheet HTML 8Page - Microchip Technology DSC11030AI2-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2017-2018 Microchip Technology Inc.
DS20005745B-page 3
DSC1103/23
Output Transition Rise/Fall
Time (Note 3)
tR/tF
—200
—
ps
20% to 80%
RL = 50Ω, CL = 2 pF
Frequency
f0
2.3
—
460
MHz
–20°C to +70°C &
–40°C to +85°C
3.3
—
460
–40°C to +105°C
Output Duty Cycle
SYM
48
—
52
%
Differential
Period Jitter
JPER
—2.5
—
psRMS —
Integrated Phase Noise
JPH
—0.28
—
psRMS
200 kHz to 20 MHz
@156.25 MHz
—0.4
—
100 kHz to 20 MHz
@156.25 MHz
—1.7
2
12 kHz to 20 MHz
@156.25 MHz
ELECTRICAL CHARACTERISTICS (CONTINUED)
Specifications: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: VDD pin should be filtered with a 0.1 µF capacitor.
2: tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
3: See the Output Waveform section and the Test Circuit for more information.
4: Output is enabled if pad is floated or not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com