Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSC11030AI2-T Datasheet(PDF) 10 Page - Microchip Technology

Part # DSC11030AI2-T
Description  Low-Jitter Precision LVDS Oscillator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC11030AI2-T Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSC11030AI2-T Datasheet HTML 6Page - Microchip Technology DSC11030AI2-T Datasheet HTML 7Page - Microchip Technology DSC11030AI2-T Datasheet HTML 8Page - Microchip Technology DSC11030AI2-T Datasheet HTML 9Page - Microchip Technology DSC11030AI2-T Datasheet HTML 10Page - Microchip Technology DSC11030AI2-T Datasheet HTML 11Page - Microchip Technology DSC11030AI2-T Datasheet HTML 12Page - Microchip Technology DSC11030AI2-T Datasheet HTML 13Page - Microchip Technology DSC11030AI2-T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DSC1103/23
DS20005745B-page 10
 2017-2018 Microchip Technology Inc.
9.0
PACKAGE MARKING INFORMATION
6-Lead VDFN 2.5 mm x 2.0 mm Package Outline and Recommended Land Pattern
RECOMMENDED LAND PATTERN
Dimension Limits
Units
C
Contact Pad Width (X4)
Contact Pad Spacing
Contact Pad Width (X2)
Contact Pitch
X2
X1
0.25
0.65
MILLIMETERS
0.825 BSC
MIN
E
MAX
1.45
Space Between Contacts (X3)
Space Between Contacts (X4)
G2
G1
0.60
0.38
Microchip Technology Drawing C04-3005A
NOM
6-Lead Very Thin Dual Flatpack No-Leads (J7A) - 2.5x2.0 mm Body [VDFN]
1
2
6
Y
Contact Pad Length (X6)
0.85
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
C
E
X1
X2
Y
G1
G2
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com