| Electronic Components Datasheet Search |
|
STLC1510 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC1510 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 40 page ![]() 15/40 STLC1510 5.4.2 Mapper Description The mapper realizes the bit extraction and constella- tion encoding functions specified in G.922.2 (§ 7.8.1 and § 7.8.2 respectively); it is mainly intended to ac- celerate the main CPU in these bit manipulation op- erations. The mapper consists of: s A Bit Unpack unit, extracting a variable length bit string from the frame RAM s A Constellation Encoder, converting the bits to a constellation point s Pseudo -random sequence generators PRBS, & MAPPRG. 5.4.3 Demapper Description The demapper consists of: s A Constellation Decoder, converting the input constellation point to bits. s A Bit Pack unit, inserting the variable length bit string into the frame RAM. 5.5 Embedded Processor Core - Functional Description The Embedded Processor Core consists of two pro- grammable cores; the ARM7TDMI 32-bit micropro- cessor and the D950 16-bit DSP, their associated peripherals/memory, a DPCOMM (Dual-Port Com- munications) for messaging, and a Bridge/Arbiter/ Decode (BAD) block. A block diagram of the EPM is shown below. There are two buses locally used by the ARM7 core which are collectively known as the Advanced Micro- controller Bus Architecture (AMBA): s Advanced System Bus (ASB) s Advanced Peripheral Bus (APB) connected to the ASB via an APB Bridge The LAMBA Bus, a subset of the AMBA bus specifi- cation, connects all the blocks in the data pump por- tion of the STLC1510. Figure 4. EPM and LAMBA Bus Block Diagram ARM7 D950 DPCO MM ASB Brid ge / LA MBA BUS Int Tmr Ctrl Pm em Ym em Xm em Int Tmr Cntl Mem B oot ROM Dec EMU TAP EM U TAP APB X BUS Y BUS P BUS Off Chip Arb iter/ De c od e ASB can ex tend to the APB, X Bus , Y Bus, P Bus and LAM BA Bus . X Bus can extend to LAMB A Bus. EPM APB B ridg e Dec Dec HPI I/F 16 CORE CORE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |