| Electronic Components Datasheet Search |
|
STLC1510 Datasheet(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC1510 Datasheet(HTML) 16 Page - STMicroelectronics |
|
16 / 40 page ![]() STLC1510 16/40 5.5.1 EPM Attributes s It provides access to internal registers for control and monitoring of the various hardware blocks. s Provides control to perform Software (SW) download into the EPM and BPU memories as part of the power up sequence. s Provides interrupt and exception handling for various macro blocks. s Software on the EPM preforms several DSP functions that are not implemented in the BPU during Start-up, fast re-train or Show Time. s Address space is large enough to address the internal registers, on-chip and some off-chip memories s Provides debugging access through a JTAG interface, for SW running on the processor. s Provides a dual port RAM to pass messages between the D950 and ARM7 cores. s Supports an external Host Processor Interface to pass messages to/from the ARM7 s Both cores have embedded emulator blocks for debug 5.5.2 ARM7TDMI MCU Core The ARM7TDMI is a member of the Advanced RISC Machines (ARM) family of general purpose 32-bit mi- croprocessors. The architecture is based on the Re- duced Instruction Set Computer (RISC) principle which results in high instruction throughput and fast real-time interrupt response. Pipelining is employed so that all parts of the pro- cessing and memory systems can operate continu- ously. While one instruction is being executed, the next is being decoded while the next is being fetched from memory. Attributes: s 32-bit register bank s 32-bit ALU s 32-bit shifter s 32-bit addressing s 32x8 DSP multiplier s ”Thumb” architectural extension which allows generation of more memory efficient code s Peripherals include decoders, timer and interrupt controller 5.6 D950 DSP Core The D950 core is a 16-bit DSP based on the Harvard architecture with three bidirectional 16-bit buses, two for data and one for instruction. Each of these buses is dedicated to a unidirectional 16-bit address bus (XA/YA/IA). The core is composed of three main units, a Data Calculation Unit (DCU), an Address Calculation Unit (ACU) and a Program Control Unit (PCU). Attributes s Data Calculation Unit s Address Calculation Unit s Program Control Unit s 16x16 single cycle MAC s fast and flexible buses The D950 top level consists of a D950 core, I mem, X mem1 (8 bit), X mem2 (16 bit), Y mem, Timer, Em- ulator, Interrupt Controller and TAP peripherals. 5.6.1 BAD - Bridge, Arbiter, Decoder The Bridge/Arbiter/Decoder (BAD) block controls the data traffic among the ARM7, the D950 and the data pump. It provides decoding circuitry, LAMBA bus ar- bitration and isolation buffers. 5.6.2 DPCOMM - Dual Port RAM Messaging between ARM and D950 A Dual Port SRAM (1024x16) plus control registers, is connected between the APB bus of the ARM7 and the X bus of the D950. It is used as a mailbox to pass data between the ARM and the D950 DSP. 5.7 Host Processor Interface (HPI) s The HPI resides on the APB bus of the ARM7. The chip select for the HPI is generated by the APB Bridge. Since the HPI resides on the APB, it is treated as a 16 bit entity. This means that APB Address 0 is ignored and all HPI addresses are on 16 bit boundaries. i.e. incremental address location are h0000 h0002 h0004 etc... s The HPI is dual port SRAM based with control that generates an interrupt when a message wants to be passed. The DPSRAM is implemented on-chip. s External to the ASIC, the pins of this interface are 8 bidirectional data pins, 3 input address pins, 1 input Read/Writen pin, 1 Address Strobe, 1 clock, 1 input chip select pin and 1 output interrupt pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |