| Electronic Components Datasheet Search |
|
STLC1510 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC1510 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 40 page ![]() STLC1510 34/40 Forum Technical Committee’s Utopia Level 1 and Utopia Level 2 specifications, and Chapter 7 of this document, Network Interface and Controller (NIF). Features of MPHY Layer Cell-Level Handshake (Tx Direction): s A single MPHY port at a time is selected for a cell transmission. However, another MPHY port may be polled for its TxClav status while the selected MPHY port transfers data. The ATM layer polls the TxClav status of a MPHY port by placing its address on TxAddr. The MPHY port (STLC1510 device) drives TxClav during each cycle following one with its address on the TxAddr lines. s The ATM layer selects a MPHY port for transfer by placing the desired MPHY address onto TxAddr, when TxEnb is deasserted (high) during the current clock cycle, and asserted (low) during the next clock cycle. All MPHY devices only examine the value on TxAddr for selection purposes when TxEnb is deasserted (high). The MPHY port is selected starting from the cycle after its address is on the TxAddr lines, and TxEnb is deasserted (high); and ending in the cycle a new MPHY port is addressed for selection, and TxEnb is deasserted (high). Figure 23. depicts the polling phase and the selection phase of the UTOPIA2 transmit interface. After the selection of the MPHY port, the cell transfer is exe- cuted the same way as in UTOPIA Level 1. Figure 23. UTOPIA Level 2 transmit timing, polling phase and selection phase. Tx Clk Tx E nb UT xD ata Tx Clav Tx S OC N-1 P 40 P 41 P4 2 P 43 P44 P 45 P46 P 47 P48 H 1 H 2 H 3 H 4 1 F 1F 1F 1 F 1F 1F 1F N+1 N+3 N N+ 1 N+3 N-1 N-1 N+3 N+1 NN + 3 N+1 Tx A dd r PHY N PH Y N + 3 polling po lling C ell trans m iss ion to: se le ctio n |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |