Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCC3235MODASM2MONR Datasheet(PDF) 34 Page - Texas Instruments

Part # XCC3235MODASM2MONR
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XCC3235MODASM2MONR Datasheet(HTML) 34 Page - Texas Instruments

Back Button XCC3235MODASM2MONR Datasheet HTML 30Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 31Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 32Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 33Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 34Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 35Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 36Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 37Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
34
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
4.4
Drive Strength and Reset States for Analog-Digital Multiplexed Pins
Table 4-4 describes the use, drive strength, and default state of analog- and digital-multiplexed pins at
first-time power up and reset (nRESET pulled low).
Table 4-4. Drive Strength and Reset States for Analog-Digital Multiplexed Pins
PIN
BOARD LEVEL
CONFIGURATION AND USE
DEFAULT STATE AT FIRST POWER
UP OR FORCED RESET
STATE AFTER CONFIGURATION
OF ANALOG SWITCHES (ACTIVE,
LPDS, and HIB POWER MODES)
MAXIMUM
EFFECTIVE
DRIVE
STRENGTH
(mA)
42
Generic I/O
Analog is isolated. The digital I/O cell
is also isolated.
Determined by the I/O state, as are
other digital I/Os.
4
44
Generic I/O
Analog is isolated. The digital I/O cell
is also isolated.
Determined by the I/O state, as are
other digital I/Os.
4
47
Analog signal (1.8-V absolute,
1.46-V full scale)
ADC is isolated. The digital I/O cell is
also isolated.
Determined by the I/O state, as are
other digital I/Os.
4
48
Analog signal (1.8-V absolute,
1.46-V full scale)
ADC is isolated. The digital I/O cell is
also isolated.
Determined by the I/O state, as are
other digital I/Os.
4
49
Analog signal (1.8-V absolute,
1.46-V full scale)
ADC is isolated. The digital I/O cell is
also isolated.
Determined by the I/O state, as are
other digital I/Os.
4
50
Analog signal (1.8-V absolute,
1.46-V full scale)
ADC is isolated. The digital I/O cell is
also isolated.
Determined by the I/O state, as are
other digital I/Os.
4
4.5
Pad State After Application of Power to Chip, but Before Reset Release
When a stable power is applied to the CC3235MODAx module for the first time or when supply voltage is
restored to the proper value following a prior period with supply voltage below 1.5 V, the level of the digital
pads are undefined in the period starting from the release of nRESET and until the DIG_DCDC of the
CC3235x chip powers up. This period is less than approximately 10 ms. During this period, pads can be
internally pulled weakly in either direction. If a certain set of pins are required to have a definite value
during this pre-reset period, an appropriate pullup or pulldown must be used at the board level. The
recommended value of these external pullup or pulldown resistors is 2.7 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com