Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCC3235MODASM2MONR Datasheet(PDF) 54 Page - Texas Instruments

Part # XCC3235MODASM2MONR
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XCC3235MODASM2MONR Datasheet(HTML) 54 Page - Texas Instruments

Back Button XCC3235MODASM2MONR Datasheet HTML 50Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 51Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 52Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 53Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 54Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 55Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 56Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 57Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 100 page
background image
T2
T6
T7
T9
CLK
MISO
MOSI
T8
54
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
Timing parameter assumes a maximum load of 20 pF at 3.3 V.
5.19.5.1.2 SPI Slave
Figure 5-9 shows the timing diagram for the SPI slave.
Figure 5-9. SPI Slave Timing Diagram
Table 5-14 lists the timing parameters for the SPI slave.
Table 5-14. SPI Slave Timing Parameters
ITEM
NAME
DESCRIPTION
MIN
MAX
UNIT
F(1)
Clock frequency @ VBAT = 3.3 V
20
MHz
Clock frequency @ VBAT
≤ 2.3 V
12
T2
Tclk
(1)
Clock period
50
ns
D(1)
Duty cycle
45%
55%
T6
tIS
(1)
RX data setup time
4
ns
T7
tIH
(1)
RX data hold time
4
ns
T8
tOD
(1)
TX data output delay
20
ns
T9
tOH
(1)
TX data hold time
24
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com