Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCC3235MODASM2MONR Datasheet(PDF) 44 Page - Texas Instruments

Part # XCC3235MODASM2MONR
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XCC3235MODASM2MONR Datasheet(HTML) 44 Page - Texas Instruments

Back Button XCC3235MODASM2MONR Datasheet HTML 40Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 41Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 42Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 43Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 44Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 45Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 46Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 47Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
44
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Specifications
Copyright © 2019, Texas Instruments Incorporated
Figure 5-4. Brownout and Blackout Levels (1 of 2)
Figure 5-5. Brownout and Blackout Levels (2 of 2)
In the brownout condition, all sections of the device shut down within the module except for the Hibernate
block (including the 32-kHz RTC clock), which remains on. The current in this state can reach
approximately 400 µA.
The blackout condition is equivalent to a hardware reset event in which all states within the module are
lost. Vbrownout = 2.1 V and Vblackout = 1.67 V
Table 5-5 lists the brownout and blackout voltage levels.
Table 5-5. Brownout and Blackout Voltage Levels
CONDITION
VOLTAGE LEVEL
UNIT
Vbrownout
2.1
V
Vblackout
1.67
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com