Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCC3235MODASM2MONR Datasheet(PDF) 99 Page - Texas Instruments

Part # XCC3235MODASM2MONR
Description  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XCC3235MODASM2MONR Datasheet(HTML) 99 Page - Texas Instruments

Back Button XCC3235MODASM2MONR Datasheet HTML 92Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 93Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 94Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 95Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 96Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 97Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 98Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 99Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 100Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 99 / 100 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
54X (
0.81)
(1.27) TYP
(19.048)
(16.1)
(3) TYP
(1.5) TYP
(1.5) TYP
(3) TYP
(R0.05)
TYP
2X (
0.89)
(0.55 TYP)
(0.55) TYP
(R0.05)
TYP
(0.45)
(1.54)
(0.55) TYP
(0.55) TYP
(
0.89) TYP
(R0.05) TYP
(8.05)
(3.724)
QFM - 2.4 mm max height
MON0063A
QUAD FLAT MODULE
4223415/C 06/2019
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
PKG
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PADS PRINTED SOLDER COVERAGE BY AREA
PAD 55: 77.5 %, PADS 56 - 63: 79%
SCALE:6X
SEE DETAILS
SOLDER MASK EDGE
SOLDER MASK
EDGE, TYP
PATTERN
1
16
17
27
28
43
44
54
55
57
58
60
63
61
56
59
62
2
15
29
42
PKG
PAD 55 DETAIL
SCALE:10X
EXPOSED METAL
TYP
PADS 56 - 63 DETAIL
SCALE:10X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com