Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SAFC161PI Datasheet(PDF) 131 Page - Infineon Technologies AG

Part # SAFC161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAFC161PI Datasheet(HTML) 131 Page - Infineon Technologies AG

Back Button SAFC161PI Datasheet HTML 127Page - Infineon Technologies AG SAFC161PI Datasheet HTML 128Page - Infineon Technologies AG SAFC161PI Datasheet HTML 129Page - Infineon Technologies AG SAFC161PI Datasheet HTML 130Page - Infineon Technologies AG SAFC161PI Datasheet HTML 131Page - Infineon Technologies AG SAFC161PI Datasheet HTML 132Page - Infineon Technologies AG SAFC161PI Datasheet HTML 133Page - Infineon Technologies AG SAFC161PI Datasheet HTML 134Page - Infineon Technologies AG SAFC161PI Datasheet HTML 135Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 400 page
background image
&3,
3DUDOOHO 3RUWV
User’s Manual
7-5
1999-08
Edge Characteristic
This defines the rise/fall time for the respective output, i.e. the output transition time.
Slow edges reduce the peak currents that are drawn when changing the voltage level of
an external capacitive load. For a bus interface, however, fast edges may still be
required. Edge characteristic effects the pre-driver which controls the final output driver
stage. Two driving levels (fast/reduced edge) can be selected for two groups of pins (bus
interface / non-bus pins) respectively.
Figure 7-4
Structure of Output Driver with Edge Control
The figure below summarizes the effects of the driver characteristics:
Edge characteristic generally influences the output signal’s shape.
Figure 7-5
General Output Signal Waveforms
Data Signal
Push
Pull
Driver Control Logic
Pin
Edge control
Open Drain control
Control Signals
Driver Stage
Fast Edge
Slow Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com